Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T502D685M016AG6210 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T502D685M016AG6210
Description  Tantalum Surface Mount Capacitors ??High Temperature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T502D685M016AG6210 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T502D685M016AG6210 Datasheet HTML 2Page - Kemet Corporation T502D685M016AG6210 Datasheet HTML 3Page - Kemet Corporation T502D685M016AG6210 Datasheet HTML 4Page - Kemet Corporation T502D685M016AG6210 Datasheet HTML 5Page - Kemet Corporation T502D685M016AG6210 Datasheet HTML 6Page - Kemet Corporation T502D685M016AG6210 Datasheet HTML 7Page - Kemet Corporation T502D685M016AG6210 Datasheet HTML 8Page - Kemet Corporation T502D685M016AG6210 Datasheet HTML 9Page - Kemet Corporation T502D685M016AG6210 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2075_T502 • 6/24/2016
66
Tantalum Surface Mount Capacitors – High Temperature
T502 Series MnO2 230°C
Recommended Voltage Derating Guidelines
0%
10%
20%
30%
40%
50%
60%
-55
25
85
125
175
200
215
230
Temperature (°C)
33%
Rated
Voltage
Working Voltage
25°C
85°C
125°C
200°C
215°C
230°C
16
16
16
13.1
7.5
6.4
5.3
25
25
25
20.5
11.8
10
8.3
35
35
35
28.7
16.5
14
11.6
Note: Additional reliability can be obtained through the derating of voltage
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to equivalent
series resistance (ESR) and the power dissipation capabilities of
the device. Permissible AC ripple voltage which may be applied is
limited by two criteria:
1. The positive peak AC voltage plus the DC bias voltage, if any,
must not exceed the DC voltage rating of the capacitor.
2. The negative peak AC voltage in combination with bias voltage,
ifany,mustnotexceedtheallowablelimitsspecifiedforreverse
voltage. See the Reverse Voltage section for allowable limits.
The maximum power dissipation by case size can be determined
using the table at right. The maximum power dissipation rating
stated in the table must be reduced with increasing environmental
operating temperatures. Refer to the table below for temperature
compensation requirements.
Temperature Compensation Multipliers
for Maximum Ripple Current
T≤200°C
200≥220°C
220≥230°C
1.00
0.70
0.30
T = Environmental Temperature
KEMET
Case Code
EIA
Case Code
Maximum Power
Dissipation (P max)
mWatts at 25°C
w/+20°C Rise
B
3528–21
85
D
7343–31
150
The maximum power dissipation rating must be reduced with increasing
environmental operating temperatures. Refer to the Temperature
Compensation Multiplier table for details.
Using the P max of the device, the maximum allowable rms ripple
current or voltage may be determined.
I(max) = √P max/R
E(max) = Z √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation (watts)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (ohms)


Similar Part No. - T502D685M016AG6210

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502D685M016AG6210 KEMET-T502D685M016AG6210 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
More results

Similar Description - T502D685M016AG6210

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T502D685M035AG6110 KEMET-T502D685M035AG6110_16 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com