Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4728 Datasheet(PDF) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 1N4728
Description  Glass-Encapsulate Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

1N4728 Datasheet(HTML) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  1N4728 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 1N4728 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 1N4728 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page:P3-P3
Glass-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Typical
Characteristics
0
0
10
10
mA
Iz
20
30
40
50
20
30
40
50
10
0
0
1
30
20
50
40
Iz
100
70
60
90
80
mA
23
4
5
Vz
60
70
80
90
100
110
120
IN...
Tj=25 C
o
Vz
6
7
89
10
11
12
IN...
Tj=25 C
o
100
0
0
0.2
0.4
0.8
0.6
1.0
2
00
TA, Ambient Temperature
Fig. 1 Power Dissipation vs Ambient Temperature
I, Lead Length (mm)
Fig. 2 Typical Thermal Resistance vs. Lead Length
0
05
10
15
50
100
150
30
20
25
200
250
VR=30V
VR=20V
VR=5V
VR=2V
VR=0V
f=1MHz
TA=25°C
50
Vz, Zener Voltage (V)
Fig. 3 Junction Capacitance vs Zener Voltage
100
1
010
20
30
40
10
1000
100
2mA
Vz, Zener Voltage (V)
Fig. 4 Typical Zener Impedance vs. Zener Voltage
60
1
1
10mA
20mA
10
5mA
10
100
Iz=1mA
1000
1N4728-1N4764


Similar Part No. - 1N4728

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
1N4728 YANGJIE-1N4728 Datasheet
116Kb / 3P
   Zener Diodes
logo
Motorola, Inc
1N4728 MOTOROLA-1N4728 Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
Galaxy Semi-Conductor H...
1N4728 BILIN-1N4728 Datasheet
167Kb / 3P
   ZENER DIODES
logo
Gaomi Xinghe Electronic...
1N4728 GXELECTRONICS-1N4728 Datasheet
1Mb / 5P
   Small current low zener impedance
logo
Guangdong Juxing Electr...
1N4728 JUXING-1N4728 Datasheet
1Mb / 2P
   SILICON ZENER DIODES
More results

Similar Description - 1N4728

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HZ2A1 HOTTECH-HZ2A1 Datasheet
385Kb / 4P
   Glass-Encapsulate Diodes
1N4148 HOTTECH-1N4148 Datasheet
261Kb / 2P
   Glass-Encapsulate Diodes
1N5221 HOTTECH-1N5221 Datasheet
772Kb / 3P
   Glass-Encapsulate Diodes
logo
Jiangsu High diode Semi...
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
   MELF Glass-Encapsulate Diodes
ZMM55-SERIES HDSEMI-ZMM55-SERIES Datasheet
1Mb / 7P
   MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100 Datasheet
1Mb / 5P
   MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60_18 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
LLDB3 HDSEMI-LLDB3 Datasheet
1Mb / 4P
   MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100_18 Datasheet
1Mb / 5P
   MINI MELF Glass-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com