Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM90N07-09B Datasheet(PDF) 3 Page - Analog Power

Part # AM90N07-09B
Description  N-Channel 75-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90N07-09B Datasheet(HTML) 3 Page - Analog Power

  AM90N07-09B Datasheet HTML 1Page - Analog Power AM90N07-09B Datasheet HTML 2Page - Analog Power AM90N07-09B Datasheet HTML 3Page - Analog Power AM90N07-09B Datasheet HTML 4Page - Analog Power AM90N07-09B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM90N07-09B
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.005
0.01
0.015
0.02
0
5
10
15
20
ID-Drain Current (A)
3.5V
4V,4.5V,6V,8V,10V
3.3V
0
5
10
15
20
0
0.05
0.1
0.15
0.2
0.25
0.3
VDS - Drain-to-Source Voltage (V)
10V,8V,6V,4.5V,4V
3.3V
3.5V
0
0.01
0.02
0.03
0.04
0.05
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
5
10
15
20
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
5000
10000
15000
20000
25000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = 20A
© Preliminary
3
Publication Order Number:
DS_AM90N07-09B_1B


Similar Part No. - AM90N07-09B

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
More results

Similar Description - AM90N07-09B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com