Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM90N08-10B Datasheet(PDF) 2 Page - Analog Power

Part # AM90N08-10B
Description  N-Channel 80-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90N08-10B Datasheet(HTML) 2 Page - Analog Power

  AM90N08-10B Datasheet HTML 1Page - Analog Power AM90N08-10B Datasheet HTML 2Page - Analog Power AM90N08-10B Datasheet HTML 3Page - Analog Power AM90N08-10B Datasheet HTML 4Page - Analog Power AM90N08-10B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM90N08-10B
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 64 V, VGS = 0 V
1
VDS = 64 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
ID(on)
VDS = 5 V, VGS = 10 V
120
A
VGS = 10 V, ID = 45 A
11
VGS = 4.5 V, ID = 44 A
13
Forward Transconductance
gfs
VDS = 15 V, ID = 20 A
30
S
Diode Forward Voltage
VSD
IS = 55 A, VGS = 0 V
0.92
V
Total Gate Charge
Qg
60
Gate-Source Charge
Qgs
12
Gate-Drain Charge
Qgd
37
Turn-On Delay Time
td(on)
19
Rise Time
tr
45
Turn-Off Delay Time
td(off)
178
Fall Time
tf
62
Input Capacitance
Ciss
5052
Output Capacitance
Coss
471
Reverse Transfer Capacitance
Crss
466
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Dynamic
ns
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
rDS(on)
nC
VDS = 40 V, RL = 2 Ω,
ID = 20 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 40 V, VGS = 4.5 V,
ID = 20 A
Drain-Source On-Resistance
pF
VDS = 15 V, VGS = 0 V, f = 1 MHz
© Preliminary
2
Publication Order Number:
DS_AM90N08-10B_1A


Similar Part No. - AM90N08-10B

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM90N08-04B ANALOGPOWER-AM90N08-04B Datasheet
363Kb / 5P
   N-Channel 80-V (D-S) MOSFET
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM90N08-05P DOINGTER-AM90N08-05P Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM90N08-08P ANALOGPOWER-AM90N08-08P Datasheet
370Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM90N08-08P DOINGTER-AM90N08-08P Datasheet
2Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - AM90N08-10B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
SUD40N08-16-E3 VBSEMI-SUD40N08-16-E3 Datasheet
999Kb / 9P
   N-Channel 80 V (D-S) MOSFET
PHP79NQ08LT VBSEMI-PHP79NQ08LT Datasheet
999Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com