Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT02E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT02E
Description  High-Speed CMOS Logic Quad Two-Input NOR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT02E Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT02E Datasheet HTML 1Page - Texas Instruments CD74HCT02E Datasheet HTML 2Page - Texas Instruments CD74HCT02E Datasheet HTML 3Page - Texas Instruments CD74HCT02E Datasheet HTML 4Page - Texas Instruments CD74HCT02E Datasheet HTML 5Page - Texas Instruments CD74HCT02E Datasheet HTML 6Page - Texas Instruments CD74HCT02E Datasheet HTML 7Page - Texas Instruments CD74HCT02E Datasheet HTML 8Page - Texas Instruments CD74HCT02E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS125C
Features
• Buffered Inputs
• Typical Propagation Delay: 7ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC02 and ’HCT02 logic gates utilize silicon-gate CMOS
technology to achieve operating speeds similar to LSTTL
gates with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The HCT logic family is functionally pin
compatible with the standard LS logic family.
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC02F3A
-55 to 125
14 Ld CERDIP
CD54HCT02F3A
-55 to 125
14 Ld CERDIP
CD74HC02E
-55 to 125
14 Ld PDIP
CD74HC02M
-55 to 125
14 Ld SOIC
CD74HC02MT
-55 to 125
14 Ld SOIC
CD74HC02M96
-55 to 125
14 Ld SOIC
CD74HCT02E
-55 to 125
14 Ld PDIP
CD74HCT02M
-55 to 125
14 Ld SOIC
CD74HCT02MT
-55 to 125
14 Ld SOIC
CD74HCT02M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
March 1998 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC02, CD74HC02,
CD54HCT02, CD74HCT02
High-Speed CMOS Logic
Quad Two-Input NOR Gate
[ /Title
(CD74H
C02,
CD74H
CT02)
/Subject
(High
Speed
CMOS
Logic
Quad
Two-


Similar Part No. - CD74HCT02E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT02E TI-CD74HCT02E Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HCT02E TI1-CD74HCT02E Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HCT02EE4 TI-CD74HCT02EE4 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
More results

Similar Description - CD74HCT02E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC02 TI-CD74HC02 Datasheet
39Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC02 TI1-CD54HC02_14 Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC02 TI-CD54HC02_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC7266 TI-CD54HC7266_07 Datasheet
409Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD54HC7266 TI-CD54HC7266 Datasheet
264Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD74HC7266 TI-CD74HC7266 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE NOR Gate
CD54HC4002 TI-CD54HC4002_07 Datasheet
489Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC4002 TI-CD74HC4002 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
logo
KODENSHI_AUK CORP.
KK74AC02 KODENSHI-KK74AC02 Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com