Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1N4748 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # F1N4748
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F1N4748 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  F1N4748 Datasheet HTML 1Page - GOOD-ARK Electronics F1N4748 Datasheet HTML 2Page - GOOD-ARK Electronics F1N4748 Datasheet HTML 3Page - GOOD-ARK Electronics F1N4748 Datasheet HTML 4Page - GOOD-ARK Electronics F1N4748 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
F1N4738 thru FZ1200
Surface Mount Zener Diodes
Vz Range:8.2 to 200V Power Dissipation:1W
www.goodark.com
1/5
2014.12-Rev.B
Features
• Toal power dissipation:max,1.0W
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
Moisture sensitivity: level 1, per J STD 020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• For use in stabilizing and clipping circuits with high power rating
M i
R ti
d Th
l Ch
t i ti
eSGA
(SOD‐123FL)
Maximum Ratings and Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Unit
1
W
Zener current
See Next Table
Power dissipation at
Ptot
1
W
Tamb=75℃
Ptot
V
1.2
Thermal resistance
junction to ambient air
Rthja
Operating junction and
storage temperature range
TJ, TSTG
Maximum instantaneous
forward voltage at 200mA
VF
-55 to +150
100
℃/W
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Reverse
voltage
Max.DC
current
Pt N
b
Zener voltage
Note:1),The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
current impedance current impedance current
voltage
current
IZT
ZZT
IZK
ZZK
IR(Max)
VR
IZM
Vz(MIN)
Vz(MAX)
m A
m A
µAdc
V
m A
F1N4738
7.79
8.61
31
4.5
0.5
700
10
6.5
110
F1N4739
8.65
9.56
28
5
0.5
700
10
7
100
F1N4740
9.5
10.5
25
7
0.25
700
10
8
91
F1N4741
10.45
11.55
23
8
0.25
700
5
8.4
83
F1N4742
11 4
12 6
21
9
025
700
5
91
76
Part Number
VZ /V
F1N4742
11.4
12.6
21
9
0.25
700
5
9.1
76
F1N4743
12.35
13.65
19
10
0.25
700
5
9.9
69
F1N4744
14.25
15.75
17
14
0.25
700
5
11.4
61
www.goodark.com
1/5
2014.12-Rev.B


Similar Part No. - F1N4748

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1N4728 GOOD-ARK-F1N4728_15 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
More results

Similar Description - F1N4748

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com