Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC5801 Datasheet(PDF) 11 Page - Texas Instruments

Part # CDC5801
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDC5801 Datasheet HTML 7Page - Texas Instruments CDC5801 Datasheet HTML 8Page - Texas Instruments CDC5801 Datasheet HTML 9Page - Texas Instruments CDC5801 Datasheet HTML 10Page - Texas Instruments CDC5801 Datasheet HTML 11Page - Texas Instruments CDC5801 Datasheet HTML 12Page - Texas Instruments CDC5801 Datasheet HTML 13Page - Texas Instruments CDC5801 Datasheet HTML 14Page - Texas Instruments CDC5801 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CDC5801
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS682A – OCTOBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
state transition latency specifications
PARAMETER
FROM
TO
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
t(powerup)
Delay time, PWRDNB
↑ to CLKOUT/
CLKOUTB output settled (excluding
t(DISTLOCK))
Powerdown
Normal
See Figure 6
3
ms
t(powerup)
Delay time, PWRDNB
↑ to internal PLL and
clock are on and settled
Powerdown
Normal
See Figure 6
3
ms
t
Delay time, power up to CLKOUT/CLKOUTB
output settled
V
Normal
See Figure 6
3
ms
t(VDDpowerup)
Delay time, power up to internal PLL and
clock are on and settled
VDD
Normal
See Figure 6
3
ms
t(MULT)
MULT0 and MULT1 change to CLKOUT/
CLKOUTB output resettled (excluding
t(DISTLOCK))
Normal
Normal
See Figure 7
1
ms
t(CLKON)
STOPB
↑ to CLKOUT/CLKOUTB glitch-free
clock edges
CLK Stop
Normal
See Figure 8
10
ns
t(CLKSETL)
STOPB
↑ to CLKOUT/CLKOUTB output
settled to within 50 ps of the phase before
STOPB was disabled
CLK Stop
Normal
See Figure 8
20
cycles
t(CLKOFF)
STOPB
↓ to CLKOUT/CLKOUTB output dis-
abled
Normal
CLK
Stop
See Figure 8
5
ns
t(powerdown)
Delay time, PWRDNB
↓ to the device in the
power-down mode
Normal
Power–
down
See Figure 6
1
ms
t(STOP)
Maximum time in CLKSTOP (STOPB = 0)
before reentering normal mode
(STOPB = 1)
STOPB
Normal
See Figure 8
100
µs
t(ON)
Minimum time in normal mode (STOPB = 1)
before reentering CLKSTOP (STOPB = 0)
Normal
CLK
stop
See Figure 8
100
ms
† All typical values are at VDD = 3.3 V, TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
50
CLKOUTB
CLKOUT
10 pF
50
VCM
Figure 1. Test Load and Voltage Definitions (VO(STOP), VOX, VOH, VOL)


Similar Part No. - CDC5801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
CDC5801A TI-CDC5801A Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801A TI1-CDC5801A Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801ADBQG4 TI1-CDC5801ADBQG4 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
More results

Similar Description - CDC5801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDCF5801 TI-CDCF5801 Datasheet
252Kb / 17P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
CDCF5801A TI-CDCF5801A Datasheet
248Kb / 18P
[Old version datasheet]   CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Analog Devices
HMC988LP3E AD-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com