Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3843CP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CM3843CP
Description  CURRENT MODE PWM CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM3843CP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CM3843CP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM3843CP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM3843CP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM3843CP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM3843CP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM3843CP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM3843CP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM3843CP Datasheet HTML 9Page - List of Unclassifed Manufacturers CM3843CP Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CM3842/3843
CURRENT MODE PWM CONTROLLER
2001/06/27
Advanced
Champion Microelectronic Corporation
Page 5
ELECTRICAL CHARACTERISTICS (Continued)
Error Amplifier Section
Input Bias Current
IBIAS
-0.1
-2
µA
Input Voltage
VI(EA)
COMP = 2.5V
2.42
2.50
2.58
V
Open Loop Voltage Gain
GVO
2V
≤ VO ≤ 4V
65
90
dB
Unity Gain Bandwidth (note 8)
UGBW
TJ = 25
OC
0.7
1
MHz
Power Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25V
60
70
dB
Output Sink Current
ISINK
VFB = 2.7V, COMP = 1.1V
2
7
mA
Output Source Current
ISOURCE
VFB = 2.3V, COMP = 5.0V
-0.5
-1.0
mA
High Output Voltage
VOH
VFB = 2.3V, RL = 15K
Ω to GND
5
6
V
Low Output Voltage
VOL
VFB = 2.7V, RL = 15K
Ω to VREF
0.7
1.1
V
Output Section
ISINK = 20mA
0.1
0.4
Output Low Level
VOL
ISINK = 200mA
1.4
2.2
V
ISOURCE = 20mA
13
13.5
Output High Level
VOH
ISOURCE = 200mA
12
13.0
V
Rise Time (note 8)
tr
TJ = 25
OC, CL = 1nF
50
150
ns
Fall Time (note 8)
tf
TJ = 25
OC, CL = 1nF
50
150
ns
Under-Voltage Lockout Section
CM3842
14.5
16.0
17.5
Start Threshold
VTH(ST)
CM3843
7.8
8.4
9.0
V
CM3842
8.5
10
11.5
Min. Operating Voltage
CM3843
7.0
7.6
8.2
V
PWM Section
CM3842/43
94
97
100
Maximum Duty Cycle
%
Minimum Duty Cycle
0
%
Total Standby Current
CM3842
0.2
0.35
Startup Current
CM3843
0.5
1.0
mA
Operating Supply Current
ICC
VFB = ISENSE = 0V
14
17
mA
Zener Voltage
VZ
ICC = 25mA
30
35
V
note 7:
Adjust VCC above the start threshold before setting at 15V
note 8:
These parameters, although guaranteed, are not 100% tested in production prior to shipment
note 9:
Parameters are measured at trip point of latch with VFB = 2V
note 10: Gain is measured between ISENSE and COMP with the input changing from 0V to 0.8V


Similar Part No. - CM3843CP

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM380 CML-CM380 Datasheet
222Kb / 1P
   T-1 3/4 Midget Flange Base
logo
Visual Communications C...
CM380 VCC-CM380 Datasheet
35Kb / 1P
   Midget Flange Base
logo
Chicago Miniature Lamp,...
CM381 CML-CM381 Datasheet
222Kb / 1P
   T-1 3/4 Midget Flange Base
logo
Visual Communications C...
CM381 VCC-CM381 Datasheet
35Kb / 1P
   Midget Flange Base
logo
Chicago Miniature Lamp,...
CM3810 CML-CM3810 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
More results

Similar Description - CM3843CP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com