Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXG630VSN472MR50S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # ELXG630VSN472MR50S
Description  Long life snap-ins, 105?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXG630VSN472MR50S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  ELXG630VSN472MR50S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXG630VSN472MR50S Datasheet HTML 2Page - United Chemi-Con, Inc. ELXG630VSN472MR50S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life snap-ins, 105
LXG
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
tan
δ
Rated ripple
current
(Arms/
105
℃,120Hz)
Part No.
80
2,200
35 × 30
0.15
2.09
ELXG800VSN222MA30S
2,700
30 × 40
0.15
2.35
ELXG800VSN272MR40S
2,700
35 × 35
0.15
2.37
ELXG800VSN272MA35S
3,300
30 × 50
0.15
2.75
ELXG800VSN332MR50S
3,300
35 × 40
0.15
2.73
ELXG800VSN332MA40S
4,700
35 × 50
0.15
3.46
ELXG800VSN472MA50S
100
390
22 × 25
0.15
0.78
ELXG101VSN391MP25S
560
22 × 30
0.15
0.99
ELXG101VSN561MP30S
560
25.4 × 25
0.15
0.98
ELXG101VSN561MQ25S
680
22 × 35
0.15
1.12
ELXG101VSN681MP35S
820
22 × 40
0.15
1.26
ELXG101VSN821MP40S
820
25.4 × 30
0.15
1.23
ELXG101VSN821MQ30S
820
30 × 25
0.15
1.25
ELXG101VSN821MR25S
WV
(Vdc)
Cap
Case size
Rated ripple
current
(Arms/
105
℃,120Hz)
Part No.
100
1,000
25.4 × 35
0.15
1.41
ELXG101VSN102MQ35S
1,000
30 × 30
0.15
1.42
ELXG101VSN102MR30S
1,000
35 × 25
0.15
1.45
ELXG101VSN102MA25S
1,200
22 × 50
0.15
1.60
ELXG101VSN122MP50S
1,200
25.4 × 40
0.15
1.59
ELXG101VSN122MQ40S
1,200
30 × 35
0.15
1.61
ELXG101VSN122MR35S
1,500
25.4 × 50
0.15
1.86
ELXG101VSN152MQ50S
1,500
30 × 40
0.15
1.87
ELXG101VSN152MR40S
1,500
35 × 30
0.15
1.85
ELXG101VSN152MA30S
1,800
35 × 35
0.15
2.07
ELXG101VSN182MA35S
2,200
30 × 50
0.15
2.40
ELXG101VSN222MR50S
2,200
35 × 40
0.15
2.39
ELXG101VSN222MA40S
2,700
35 × 50
0.15
2.81
ELXG101VSN272MA50S
tan
δ
φD×L(mm)
(
µF)
◆MAXIMUM IMPEDANCE [mΩ/20℃, 30kHz]
10 to 63
100
80
22
×25
22
×30
22
×35
22
×40
22
×50
25.4
×25
25.4
×30
25.4
×35
25.4
×40
25.4
×50
30
×25
30
×30
30
×35
30
×40
30
×50
35
×25
35
×30
35
×35
35
×40
35
×50
Case size
φD×L(mm)
Vdc
120
100
80
70
50
90
70
60
50
40
70
50
40
35
25
65
45
38
30
23
150
120
95
80
60
110
85
70
60
45
80
60
50
40
30
70
50
40
30
25
254
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXG630VSN472MR50S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXG630VSN472MR50S CHEMI-CON-ELXG630VSN472MR50S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ELXG630VSN472MR50S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXG500VSN CHEMI-CON-ELXG500VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS421VSN CHEMI-CON-ELXS421VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXG350VSN CHEMI-CON-ELXG350VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS161VSN CHEMI-CON-ELXS161VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS401VSN CHEMI-CON-ELXS401VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS181VSN CHEMI-CON-ELXS181VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS251VSN CHEMI-CON-ELXS251VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXG101VSN CHEMI-CON-ELXG101VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXG250VSN CHEMI-CON-ELXG250VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS201VSN CHEMI-CON-ELXS201VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS501VSN CHEMI-CON-ELXS501VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com