Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXH201VSN102MA35S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # ELXH201VSN102MA35S
Description  Long life, Overvoltage resistant design, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXH201VSN102MA35S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  ELXH201VSN102MA35S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXH201VSN102MA35S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life, Overvoltage resistant design, 105
LXH
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
tanδ
Rated ripple current
(Arms/105
℃,120Hz)
Part No.
5,000 hours
3,000 hours
200
270
22
×25
0.15
0.45
0.87
ELXH201VSN271MP25S
330
22
×30
0.15
0.62
1.20
ELXH201VSN331MP30S
330
25.4
×25
0.15
0.62
1.21
ELXH201VSN331MQ25S
390
22
×35
0.15
0.67
1.31
ELXH201VSN391MP35S
390
25.4
×30
0.15
0.66
1.28
ELXH201VSN391MQ30S
470
22
×40
0.15
0.72
1.40
ELXH201VSN471MP40S
470
25.4
×30
0.15
0.72
1.41
ELXH201VSN471MQ30S
470
30
×25
0.15
0.77
1.50
ELXH201VSN471MR25S
560
22
×45
0.15
0.80
1.56
ELXH201VSN561MP45S
560
25.4
×35
0.15
0.78
1.53
ELXH201VSN561MQ35S
560
30
×30
0.15
0.81
1.57
ELXH201VSN561MR30S
680
22
×50
0.15
0.89
1.74
ELXH201VSN681MP50S
680
25.4
×40
0.15
0.89
1.74
ELXH201VSN681MQ40S
680
30
×30
0.15
0.89
1.74
ELXH201VSN681MR30S
680
35
×25
0.15
0.88
1.72
ELXH201VSN681MA25S
820
25.4
×50
0.15
1.05
2.04
ELXH201VSN821MQ50S
820
30
×35
0.15
1.03
2.00
ELXH201VSN821MR35S
820
35
×30
0.15
1.05
2.04
ELXH201VSN821MA30S
1,000
30
×45
0.15
1.18
2.30
ELXH201VSN102MR45S
1,000
35
×35
0.15
1.18
2.30
ELXH201VSN102MA35S
1,200
30
×50
0.15
1.33
2.60
ELXH201VSN122MR50S
1,200
35
×40
0.15
1.36
2.65
ELXH201VSN122MA40S
1,500
35
×45
0.15
1.57
3.08
ELXH201VSN152MA45S
400
68
22
×25
0.15
0.26
0.51
ELXH401VSN680MP25S
68
25.4
×20
0.15
0.24
0.46
ELXH401VSN680MQ20S
82
22
×30
0.15
0.30
0.58
ELXH401VSN820MP30S
82
25.4
×25
0.15
0.30
0.58
ELXH401VSN820MQ25S
100
22
×35
0.15
0.34
0.66
ELXH401VSN101MP35S
100
25.4
×30
0.15
0.34
0.66
ELXH401VSN101MQ30S
120
22
×40
0.15
0.37
0.72
ELXH401VSN121MP40S
120
25.4
×30
0.15
0.37
0.72
ELXH401VSN121MQ30S
120
30
×25
0.15
0.39
0.76
ELXH401VSN121MR25S
150
22
×45
0.15
0.42
0.82
ELXH401VSN151MP45S
150
25.4
×35
0.15
0.43
0.84
ELXH401VSN151MQ35S
150
30
×30
0.15
0.43
0.84
ELXH401VSN151MR30S
180
22
×50
0.15
0.49
0.95
ELXH401VSN181MP50S
180
25.4
×40
0.15
0.48
0.94
ELXH401VSN181MQ40S
180
30
×30
0.15
0.47
0.92
ELXH401VSN181MR30S
180
35
×25
0.15
0.48
0.94
ELXH401VSN181MA25S
220
25.4
×45
0.15
0.55
1.07
ELXH401VSN221MQ45S
220
30
×35
0.15
0.54
1.06
ELXH401VSN221MR35S
220
35
×30
0.15
0.55
1.08
ELXH401VSN221MA30S
270
25.4
×50
0.15
0.62
1.21
ELXH401VSN271MQ50S
270
30
×40
0.15
0.62
1.21
ELXH401VSN271MR40S
270
35
×30
0.15
0.59
1.15
ELXH401VSN271MA30S
330
30
×45
0.15
0.71
1.39
ELXH401VSN331MR45S
330
35
×35
0.15
0.69
1.35
ELXH401VSN331MA35S
390
30
×50
0.15
0.80
1.55
ELXH401VSN391MR50S
390
35
×40
0.15
0.79
1.54
ELXH401VSN391MA40S
470
35
×45
ELXH401VSN471MA45S
1.74
0.89
0.15
◆DC OVERVOLTAGE TEST CONDITIONS
The vent will operate and the capacitor shall become an open circuit without burning materials
when the following test DC voltage is applied.
Test DC voltage
Rated Voltage
200Vdc
400Vdc
Capacitance
<330µF
330
≦C
<470µF
100
≦C
<220µF
≧470µF
≧220µF
<100µF
Current limit
4A
5A
7A
2A
4A
7A
Test DC voltage
300/375Vdc
500/600Vdc
Test Circuit
AC input
SW
CX
+
-
Constant DC voltage/current power supply
258
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXH201VSN102MA35S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXH201VSN102MA35S CHEMI-CON-ELXH201VSN102MA35S Datasheet
48Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ELXH201VSN102MA35S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXH401VSN CHEMI-CON-ELXH401VSN Datasheet
398Kb / 2P
   Long life, Overvoltage resistant design, 105?
EKLG201E CHEMI-CON-EKLG201E Datasheet
403Kb / 2P
   Overvoltage resistant design, 105?
EKLG401E CHEMI-CON-EKLG401E Datasheet
403Kb / 2P
   Overvoltage resistant design, 105?
logo
RUBYCON CORPORATION
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
United Chemi-Con, Inc.
ELXG500VSN CHEMI-CON-ELXG500VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS421VSN CHEMI-CON-ELXS421VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXA161LGC CHEMI-CON-ELXA161LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA451LGC CHEMI-CON-ELXA451LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA501LGC CHEMI-CON-ELXA501LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com