Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXS451VSN221MA25S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ELXS451VSN221MA25S
Description  Long life snap-ins, 105?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXS451VSN221MA25S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ELXS451VSN221MA25S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXS451VSN221MA25S Datasheet HTML 2Page - United Chemi-Con, Inc. ELXS451VSN221MA25S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life snap-ins, 105
LXS
Series
・For solar power generation
・Endurance with ripple current : 5,000 hours at 105℃
・Rated voltage range : 160 to 500V
・Downsized from LXQ series
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-25 to +105
160 to 500Vdc
±20% (M)
I
≦3 CV
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ(Max.)
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours at 105
℃.
Capacitance change
D.F. (tan
δ)
Leakage current
The following specifications shall be satisfied when the capacitors are restored to 20
℃after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±15% of the initial value
D.F. (tan
δ)
≦150% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
160 to 400V
0.15
160 to 400V
4
420 to 500V
0.20
420 to 500V
8
(at 20
℃, 120Hz)
(at 20
℃ after 5 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
≦±20% of the initial value
≦200% of the initial specified value (500Vdc : ≦250%)
≦The initial specified value
◆DIMENSIONS [mm]
Terminal Code : LI (
φ30,φ35)
Vent
4.5
±1
L
±2.5
Negative mark
Sleeve (PET : Brown)
PC board pin-out
2-1.2
×6
5
±0.5
14.2
±1
Terminal Code : VS (
φ22 to φ35) : Standard
4.0
±0.5
Vent
L
±2.5
Negative mark
Sleeve (PET : Brown)
PC board pin-out
2-
φ2
The standard design has no plastic disc.
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 330
µF:331, 2,200µF:222)
Dummy terminal code
Terminal code
Voltage code (ex. 160V:161, 315V:3B1, 450V:451)
Series code
Category
E L X S
V S N
S
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (snap-in type)"
Downsized
Higher ripple
Longer life
LXS
LXQ P249
LXM P243
246
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXS451VSN221MA25S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS451VSN221MA25S ETC2-ELXS451VSN221MA25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ELXS451VSN221MA25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXG500VSN CHEMI-CON-ELXG500VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS421VSN CHEMI-CON-ELXS421VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXG350VSN CHEMI-CON-ELXG350VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS161VSN CHEMI-CON-ELXS161VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS401VSN CHEMI-CON-ELXS401VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS181VSN CHEMI-CON-ELXS181VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS251VSN CHEMI-CON-ELXS251VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXG101VSN CHEMI-CON-ELXG101VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXG250VSN CHEMI-CON-ELXG250VSN Datasheet
457Kb / 3P
   Long life snap-ins, 105?
ELXS201VSN CHEMI-CON-ELXS201VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
ELXS501VSN CHEMI-CON-ELXS501VSN Datasheet
426Kb / 3P
   Long life snap-ins, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com