Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXV630E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ELXV630E
Description  Low impedance, 105?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXV630E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ELXV630E Datasheet HTML 1Page - United Chemi-Con, Inc. ELXV630E Datasheet HTML 2Page - United Chemi-Con, Inc. ELXV630E Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low impedance, 105
LXV
Series
・Low impedance
・Endurance with ripple current : 2,000 to 5,000 hours at 105℃
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
Endurance
Shelf Life
Items
6.3 to 100Vdc
Capacitance change
ΔC (-55℃ /+20℃) 0.7min.
Max. impedance ratio (-55
℃ /+20℃)
3max.(6.3Vdc : 4max.)
Time
Capacitance change
D.F. (tan
δ)
Leakage current
Capacitance change
D.F. (tan
δ)
Leakage current
Characteristics
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
50V
0.10
80V
0.09
100V
0.08
63V
0.10
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
tan
δ(Max.)
φ5 to 6.3 : 2,000hours φ8 & 10 : 3,000hours φ12.5 toφ18 : 5,000hours
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 105
℃.
When nominal capacitance exceeds 1,000
µF, add 0.02 to the value above for each 1,000µF increase.
Rated voltage (Vdc)
±20% (M)
I=0.01CV or 3µA, whichever is greater.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
-55 to +105
(at 20
℃, 120Hz)
(at 20
℃, 120Hz)
(at 20
℃ after 2 minutes)
◆DIMENSIONS [mm]
L'
15min.
4min.
Vent
Sleeve (PET : Brown)
5
0.5
2.0
F
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
φD+0.5max.
L+1.5max.
Gas escape end seal
Terminal Code : E
(Except
φ5 &φ6.3)
(
φ5 toφ10)
(
φ12.5 toφ18)
φD
φD'
φd
◆PART NUMBERING SYSTEM
Supplement code
Size code
Lead forming·taping code
Capacitance tolerance code
Terminal code
Voltage code (ex. 6.3V:6R3, 25V:250, 100V:101)
Series code
Category
E L X V A A A E A A A A A
A A A N
M
Please refer to "Product code guide (radial lead type)"
1
3
4
2
6
7
8
9
10
13
12
18
17
16
11
5
15
14
Capacitance code (ex. 120µF:121, 1,500µF:152)
Lower Z
Longer life
LXV
Lower Z
KMG P129
LXY P161
163
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXV630E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXV630ESS102ML40S CHEMI-CON-ELXV630ESS102ML40S Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ELXV630ESS102MM35S CHEMI-CON-ELXV630ESS102MM35S Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ELXV630ESS120MEB5D CHEMI-CON-ELXV630ESS120MEB5D Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ELXV630ESS121MJ20S CHEMI-CON-ELXV630ESS121MJ20S Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ELXV630ESS122MM40S CHEMI-CON-ELXV630ESS122MM40S Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ELXV630E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXV6R3E CHEMI-CON-ELXV6R3E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV500E CHEMI-CON-ELXV500E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY6R3ADA CHEMI-CON-EMVY6R3ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA101ARA CHEMI-CON-EMZA101ARA Datasheet
424Kb / 2P
   Low impedance, 105?
EMZA630ADA CHEMI-CON-EMZA630ADA Datasheet
424Kb / 2P
   Low impedance, 105?
EMVY500ADA CHEMI-CON-EMVY500ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA250ADA CHEMI-CON-EMZA250ADA Datasheet
424Kb / 2P
   Low impedance, 105?
ELXV100E CHEMI-CON-ELXV100E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV350E CHEMI-CON-ELXV350E Datasheet
438Kb / 3P
   Low impedance, 105?
EKY-6R3ELL472MK30S CHEMI-CON-EKY-6R3ELL472MK30S Datasheet
83Kb / 3P
   Low impedance, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com