Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71C105KA12D Datasheet(PDF) 3 Page - RFHIC

Part # GRM188R71C105KA12D
Description  GaN Doherty Hybrid Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

GRM188R71C105KA12D Datasheet(HTML) 3 Page - RFHIC

  GRM188R71C105KA12D Datasheet HTML 1Page - RFHIC GRM188R71C105KA12D Datasheet HTML 2Page - RFHIC GRM188R71C105KA12D Datasheet HTML 3Page - RFHIC GRM188R71C105KA12D Datasheet HTML 4Page - RFHIC GRM188R71C105KA12D Datasheet HTML 5Page - RFHIC GRM188R71C105KA12D Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GaN Doherty Hybrid Amplifier RTH07003-20D
Korean Facilities : 82-31-8069-3000 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
3 / 6
Version 3.0
Block Diagram
Application Circuit
Bill of Material (Evaluation board)
LOCATION
Part Number
Value
Manufacturer
C3, C4, C6
1812B225K101CT
2.2uF / 100V
WALSIN
C2, C5
GRM188R71C105KA12D
1uF / 16V
MURATA
PCB
RO4350B
2Layer, 20mil, 1oz
ROGERS


Similar Part No. - GRM188R71C105KA12D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GRM188R71C105KA12D NSC-GRM188R71C105KA12D Datasheet
607Kb / 8P
   Evaluation Board Reference Design integrates a boost converter
logo
Vicor Corporation
GRM188R71C105KA12D VICOR-GRM188R71C105KA12D Datasheet
1Mb / 39P
   8V to 36Vin Cool-Power
logo
Murata Manufacturing Co...
GRM188R71C105KA12D MURATA-GRM188R71C105KA12D Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
RFHIC
GRM188R71C105KA12D RFHIC-GRM188R71C105KA12D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
logo
Vicor Corporation
GRM188R71C105KA12D VICOR-GRM188R71C105KA12D Datasheet
1Mb / 30P
   8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
More results

Similar Description - GRM188R71C105KA12D

ManufacturerPart #DatasheetDescription
logo
RFHIC
RPAM35008-25 RFHIC-RPAM35008-25 Datasheet
456Kb / 5P
   GaN Doherty Hybrid Amplifier
RTH36004N-24 RFHIC-RTH36004N-24 Datasheet
1Mb / 9P
   GaN Doherty Hybrid Amplifier
RTH35003-20D RFHIC-RTH35003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18007-10 RFHIC-RTH18007-10 Datasheet
330Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH23007-10 RFHIC-RTH23007-10 Datasheet
295Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH36016M-23 RFHIC-RTH36016M-23 Datasheet
730Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH08003-20D RFHIC-RTH08003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18008R RFHIC-RTH18008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH18008S-30 RFHIC-RTH18008S-30 Datasheet
787Kb / 8P
   GaN Doherty Hybrid Amplifier
RTH19008R RFHIC-RTH19008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com