Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

615M-1 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 615M-1
Description  615M-1 Multi-Service Provider Cellular Modem and Router
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

615M-1 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  615M-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. 615M-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. 615M-1 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TechnicalDataTD032011EN
Effective January 2014
615M-1 Multi-Service Provider Cellular Modem and Router
EATON www.eaton.com/wireless
SPECIFICATION
DESCRIPTION
Input and Output
Discrete input
2.3 Vdc (on), 0.7 Vdc (off), 5.5 Vdc max h
Discrete output
NPN transistor close to digital ground, pull down 100 ohm h
Relay outputs
Max voltage 30 Vdc, max current 1A h
Analog inputs
Voltage input range 0–30 Vdc, accuracy +/–0.2 Vdc h
Ethernet Port
Ethernet port
10/100BaseT, RJ-45 connector, 2 x IEEE 802.3 (auto MDIX)
Link activity
Activity LED
Serial Port
RS-232
DB-9 female DCE
Data rate (Bps)
1200, 2400, 4800, 9600, 14400, 19200, 38400, 57600, 76800,
115200
Serial settings
8 data bits, no stop/1 start/parity (configurable)
Protocols and Configuration
Protocols supported
TCP/IP, UDP, ARP, ICMP, FTP, TFTP, TELNET, PING, GPS-NMEA
(optional), DHCP, MAC filtering (whitelist),
IP filtering (blacklist), DMZ, dynamic DNS, port forwarding,
SNMP, HTTP embedded Web server, IPsec, GRE tunneling,
PPTP, VPN, RADIUS/802.1x
User configuration
Configuration and firmware upgrades via HTTP/OTA
(over the air)
Configurable
parameters
Client/router, serial client server
Simultaneous RS-232 connection
Security
VPN, SIM card PIN, RADIUS, IPsec
Bandwidth protection
MAC address, whitelist/blacklist
IP filtering, whitelist/blacklist
Network management SNMP V2c, V3
LED Indication and Diagnostics
LED indication
RSSI, SVC, NET, GPS, AUX
Refer to the product manual for further information
Reported diagnostics
Diagnostics available through Web pages
Power Supply
Nominal supply
9–28 Vdc, under/over voltage protection and reverse polarity
Molex 43025-0400 4-pin locking connector
Average current draw 130 mA @ 13.8 Vdc (idle)
Transmit current draw 350 mA @ 13.8 Vdc
Compliance
EMC
FCC Part 15; Industry Canada; CE; A-Tick
RF (radio)
EN 300 328; FCC Part 15
Hazardous area
Class I, Division 2; UL; cUL
Safety
IEC 60950-1
UL
UL Listed
Environmental
MIL-STD-810F
Approvals
PTCRB, carrier specific approvals
General
Size
4.3" x 6" x 1.8" (109 mm x 153 mm x 45 mm)
Housing
Powder-coated aluminum
Mounting
DIN rail, panel mount (optional)
Terminal blocks
I/O: removable terminal block, screwless push in wire,
18–28 AWG
Temperature rating
–22 to +158°F (–30 to +70°C)
Humidity rating
55–95% RH noncondensing
Weight
2.5 lb (1.13 kg)
Note:
N
Specificationsaresubjecttochange.
a
UMTS
b
HSPA
c
EDGE
d
GPRS
e
EV-DO Rev A (IS-856-A)
f
EV-DO Rev 0 (IS-856)
g
1xRTT (IS-2000)
h
Access via SNMP only
Accessories
PRODUCT CODE DESCRIPTION
DATA SHEET
Antennas - Cellular
WHGSM-3
Cellular antenna, 5" (130 mm), SMA male,
magnetic base mount, 2 dBi gain
TD032059EN
CSNEXTG-
GSM3G-2
Cellular antenna, SMA male, 1.8/2.0/3.5 dBi
gain
TD032069EN
SGNEXTG-GSM-6
Cellular antenna, N-type female, 3/6.2 dBi gain TD032068EN
Cables
CC3/10-SMA
Coaxial cable kit, 9.8' (3m)/32' (10m), N-type
to SMA
TD032019EN
TD032020EN
CCTAIL-SMA-F/M
Coaxial cable tail, 24" (600 mm), SMA to
N-type female or male
TD032023EN
SER-RJ45
Configuration cable, RS-232 serial, DB-9
female to RJ-45
TD032027EN
SER-DB9NULL
RS-232 serial, null modem
TD032070EN
ETH-C5X
Ethernet cable, 6' (1.8m), crossover, RJ-45 to
RJ-45
TD032024EN
ETH-C5A
Ethernet cable, 6' (1.8m), straight through,
RJ-45 to RJ-45
TD032025EN
Surge Diverters
CSD-SMA-2500
SMA surge diverter for use with CC10,
CC20-SMA
TD032030EN
CSD-N-6000
Coaxial surge diverter, bulkhead N female to
N female
TD032031EN
IOP32D
Signal surge diverter, 2 x 2-wire/1 x 4-wire
TD032032EN
Power Supplies
PS-WW-XP
100 Vac input power supply
TD032074EN
PS-DINAC-12DC-OK DIN rail power supply, 100–250 Vac,
12 Vdc/2.5A
TD032033EN
PSG60E
DIN rail power supply, 85–264 Vac, 24
Vdc/2.5A
TD032034EN
Mounting Brackets
BR-615-PLATE
Panel mounting plate kit for 615M-xx series
TD032073EN
Ordering
PRODUCT CODE
DESCRIPTION
FREQUENCY
RF POWER
615M-1
Cellular modem and router
Supplied with BR-615-DINCLIP
Quad-band
Up to 2W
Note:
N
AvailableRFpowerandfrequencymayvarydependingoncountryof
application.
Specifications (continued)


Similar Part No. - 615M-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
615 ETC2-615 Datasheet
177Kb / 1P
   BRACKET
logo
3M Electronics
615 3M-615 Datasheet
77Kb / 3P
   Fire Barrier Duct Wrap 615
logo
MTU Onsite Energy Corpo...
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
logo
Gilway Technical Lamp
6150 GILWAY-6150 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Schurter Inc.
6150 SCHURTER-6150 Datasheet
343Kb / 2P
   IEC Appliance Inlet C14, mates to Felcom
More results

Similar Description - 615M-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2314008 PHOENIX-2314008 Datasheet
213Kb / 14P
   Router - PSI-MODEM-3G/ROUTER
09/12/2020
logo
TELTONIKA NETWORKS.
RUT240 TELTONIKA-RUT240 Datasheet
1Mb / 14P
   INDUSTRIAL CELLULAR ROUTER
RUT950 TELTONIKA-RUT950 Datasheet
1Mb / 14P
   INDUSTRIAL CELLULAR ROUTER
logo
Weidmuller
2739630000 WEIDMULLER-2739630000 Datasheet
238Kb / 5P
   Security/NAT/VPN/U-link Router, with integrated multi-band modem
November 4, 2021
logo
Multi-Tech Systems, Inc...
86002199 MULTITECH-86002199 Datasheet
873Kb / 2P
   LTE OnGo CBRS Industrial Cellular Router
2021-03
86002235 MULTITECH-86002235 Datasheet
362Kb / 3P
   Industrial Cellular Router for Hazardous Locations
2021-08
logo
Compex Systems Pte. Lte...
WPQ873 COMPEX-WPQ873 Datasheet
1Mb / 10P
   Embedded Board Supporting 5G Cellular Modem
logo
PMC-Sierra, Inc
MSP5000 PMC-MSP5000 Datasheet
47Kb / 2P
   MSP for Multi-Service Platforms and Intelligent IADs
logo
ORing Industrial Networ...
IAR-142-3G ORING-IAR-142-3G Datasheet
413Kb / 5P
   IEEE 802.11 b/g/n 3G Cellular Router
logo
Agere Systems
CSP1027 AGERE-CSP1027 Datasheet
937Kb / 64P
   CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com