Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51412EMNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS51412EMNR2G
Description  Low Voltage Buck Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51412EMNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  CS51412EMNR2G Datasheet HTML 1Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 2Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 3Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 4Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 5Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 6Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 7Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 8Page - ON Semiconductor CS51412EMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
3
PRODUCT SELECTION GUIDE
Part Number
Frequency
Temperature Range
Bias/Sync
CS51411E
260 kHz
−40°C to 85°C
Sync
CS51411G
260 kHz
0°C to 70°C
Sync
CS51412E
260 kHz
−40°C to 85°C
Bias
CS51412G
260 kHz
0°C to 70°C
Bias
CS51413E
520 kHz
−40°C to 85°C
Sync
CS51413G
520 kHz
0°C to 70°C
Sync
CS51414E
520 kHz
−40°C to 85°C
Bias
CS51414G
520 kHz
0°C to 70°C
Bias
SYNC
VFB
VSW
2
GND
SHDNB
CS51411/3
1N4148
3.3 V
D3
15 mH
VIN
100 mF
100 mF
0.1 mF
Figure 1. Application Diagram, 4.5 V − 16 V to 3.3 V @ 1.0 A Converter
C1
C3
R1
R2
C4
0.1 mF
SYNC
Shutdown
L1
C2
4.5 V − 16 V
D1
205
127
1
3
7
6
8
4
5
1N5821
BOOST
U1
VC
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature Range, TJ
−40 to 150
°C
Lead Temperature Soldering:
Reflow for Leaded: (SMD styles only) (Note 1)
Reflow for Pb−Free: (SMD styles only) (Note 2)
230 peak
260 peak
(Note 3)
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD Damage Threshold (Human Body Model)
2.0
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60−150 second above 183°C, 30 second maximum at peak.
2. 60−150 second above 217°C, 40 second maximum at peak.
3. +5°C/0°C allowable conditions, applies to both Pb and Pb−Free Devices.


Similar Part No. - CS51412EMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51412EMNR2G ONSEMI-CS51412EMNR2G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51412EMNR2G ONSEMI-CS51412EMNR2G Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

Similar Description - CS51412EMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV97310 ONSEMI-NCV97310 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 4
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com