Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51414EDR8G Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS51414EDR8G
Description  Low Voltage Buck Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51414EDR8G Datasheet(HTML) 5 Page - ON Semiconductor

  CS51414EDR8G Datasheet HTML 1Page - ON Semiconductor CS51414EDR8G Datasheet HTML 2Page - ON Semiconductor CS51414EDR8G Datasheet HTML 3Page - ON Semiconductor CS51414EDR8G Datasheet HTML 4Page - ON Semiconductor CS51414EDR8G Datasheet HTML 5Page - ON Semiconductor CS51414EDR8G Datasheet HTML 6Page - ON Semiconductor CS51414EDR8G Datasheet HTML 7Page - ON Semiconductor CS51414EDR8G Datasheet HTML 8Page - ON Semiconductor CS51414EDR8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40°C < TJ < 125°C (CS51411E/2E/3E/4E); −40°C < TA < 85°C (CS51411E/2E/3E/4E);
0°C < TA < 70°C (CS51411G/2G/3G/4G), 4.5 V< VIN < 40 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Sync
Sync Frequency Range
CS51411/CS51412
305
470
kHz
Sync Frequency Range
CS51413/CS51414
575
880
kHz
Sync Pin Bias Current
VSYNC = 0 V
VSYNC = 5.0 V
250
0.1
360
0.2
460
mA
mA
Sync Threshold Voltage
1.0
1.5
1.9
V
Shutdown
Shutdown Threshold Voltage
ICC = 2 mA
1.0
1.3
1.6
V
Shutdown Pin Bias Current
VSHDNB = 0 V
0.14
5.00
35
mA
Thermal Shutdown
Overtemperature Trip Point
(Note 5)
175
185
195
°C
Thermal Shutdown Hysteresis
(Note 5)
42
°C
General
Quiescent Current
ISW = 0 A
6.25
mA
Shutdown Quiescent Current
VSHDNB = 0 V
20
85
mA
Boost Operating Current
VBOOST − VSW = 2.5 V
6.0
15
40
mA/A
Minimum Boost Voltage
(Note 5)
2.5
V
Startup Voltage
2.2
3.3
4.4
V
Minimum Output Current
7.0
12
mA
5. Guaranteed by design, not 100% tested in production.


Similar Part No. - CS51414EDR8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51414EDR8G ONSEMI-CS51414EDR8G Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51414EDR8G ONSEMI-CS51414EDR8G Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results

Similar Description - CS51414EDR8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV97310 ONSEMI-NCV97310 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 4
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com