Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574N-15G Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM2574N-15G
Description  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574N-15G Datasheet(HTML) 1 Page - ON Semiconductor

  LM2574N-15G Datasheet HTML 1Page - ON Semiconductor LM2574N-15G Datasheet HTML 2Page - ON Semiconductor LM2574N-15G Datasheet HTML 3Page - ON Semiconductor LM2574N-15G Datasheet HTML 4Page - ON Semiconductor LM2574N-15G Datasheet HTML 5Page - ON Semiconductor LM2574N-15G Datasheet HTML 6Page - ON Semiconductor LM2574N-15G Datasheet HTML 7Page - ON Semiconductor LM2574N-15G Datasheet HTML 8Page - ON Semiconductor LM2574N-15G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 9
1
Publication Order Number:
LM2574/D
LM2574, NCV2574
0.5 A, Adjustable Output
Voltage, Step-Down
Switching Regulator
The LM2574 series of regulators are monolithic integrated circuits
ideally suited for easy and convenient design of a step−down
switching regulator (buck converter). All circuits of this series are
capable of driving a 0.5 A load with excellent line and load regulation.
These devices are available in fixed output voltages of 3.3 V, 5.0 V,
12 V, 15 V, and an adjustable output version.
These regulators were designed to minimize the number of external
components to simplify the power supply design. Standard series of
inductors optimized for use with the LM2574 are offered by several
different inductor manufacturers.
Since the LM2574 converter is a switch−mode power supply, its
efficiency is significantly higher in comparison with popular
three−terminal linear regulators, especially with higher input voltages.
In most cases, the power dissipated by the LM2574 regulator is so low,
that the copper traces on the printed circuit board are normally the only
heatsink needed and no additional heatsinking is required.
The LM2574 features include a guaranteed
±4% tolerance on output
voltage within specified input voltages and output load conditions, and
±10% on the oscillator frequency (±2% over 0°C to +125°C). External
shutdown is included, featuring 60
mA (typical) standby current. The
output switch includes cycle−by−cycle current limiting, as well as
thermal shutdown for full protection under fault conditions.
Features
3.3 V, 5.0 V, 12 V, 15 V, and Adjustable Output Versions
Adjustable Version Output Voltage Range, 1.23 to 37 V ±4% max
over Line and Load Conditions
Guaranteed 0.5 A Output Current
Wide Input Voltage Range: 4.75 to 40 V
Requires Only 4 External Components
52 kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby Mode
High Efficiency
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit Protection
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available*
Applications
Simple and High−Efficiency Step−Down (Buck) Regulators
Efficient Pre−regulator for Linear Regulators
On−Card Switching Regulators
Positive to Negative Converters (Buck−Boost)
Negative Step−Up Converters
Power Supply for Battery Chargers
*For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
1
16
SO−16 WB
DW SUFFIX
CASE 751G
PIN CONNECTIONS
*
(Top View)
12
Pwr Gnd
ON/OFF
*
*
*
*
11
10
9
5
6
7
8
*
16
*
*
FB
Sig Gnd
Output
*
Vin
15
14
13
1
2
3
4
*
* No internal connection, but should be soldered to
* PC board for best heat transfer.
*
(Top View)
8
FB
Sig Gnd
ON/OFF
Pwr Gnd
Output
*
Vin
7
6
5
1
2
3
4
See detailed ordering and shipping information in the package
dimensions section on page 24 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 24 of this data sheet.
DEVICE MARKING INFORMATION
PDIP−8
N SUFFIX
CASE 626
1
8
www.onsemi.com


Similar Part No. - LM2574N-15G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2574N-15G ONSEMI-LM2574N-15G Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
More results

Similar Description - LM2574N-15G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com