Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C3V3RL Datasheet(PDF) 6 Page - Motorola, Inc

Part # BZX79C3V3RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX79C3V3RL Datasheet(HTML) 6 Page - Motorola, Inc

Back Button BZX79C3V3RL Datasheet HTML 2Page - Motorola, Inc BZX79C3V3RL Datasheet HTML 3Page - Motorola, Inc BZX79C3V3RL Datasheet HTML 4Page - Motorola, Inc BZX79C3V3RL Datasheet HTML 5Page - Motorola, Inc BZX79C3V3RL Datasheet HTML 6Page - Motorola, Inc BZX79C3V3RL Datasheet HTML 7Page - Motorola, Inc BZX79C3V3RL Datasheet HTML 8Page - Motorola, Inc BZX79C3V3RL Datasheet HTML 9Page - Motorola, Inc BZX79C3V3RL Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-102
500 mW DO-35 Glass Data Sheet
Figure 13. Zener Voltage versus Zener Current — VZ = 30 thru 105 Volts
VZ, ZENER VOLTAGE (VOLTS)
10
1
0.1
0.01
30
35
40
45
50
55
60
70
75
80
85
90
95
100
Figure 14. Zener Voltage versus Zener Current — VZ = 110 thru 220 Volts
VZ, ZENER VOLTAGE (VOLTS)
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
10
1
0.1
0.01
TA =25°
65
105


Similar Part No. - BZX79C3V3RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C3V3 FAIRCHILD-BZX79C3V3 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Taiwan Semiconductor Co...
BZX79C3V3 TSC-BZX79C3V3 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
logo
Fairchild Semiconductor
BZX79C3V3 FAIRCHILD-BZX79C3V3 Datasheet
47Kb / 5P
   Zeners
logo
Continental Device Indi...
BZX79C3V3 CDIL-BZX79C3V3 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C3V3 EIC-BZX79C3V3 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX79C3V3RL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com