Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP130 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP130
Description  300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP130 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP130 Datasheet HTML 1Page - ON Semiconductor NCP130 Datasheet HTML 2Page - ON Semiconductor NCP130 Datasheet HTML 3Page - ON Semiconductor NCP130 Datasheet HTML 4Page - ON Semiconductor NCP130 Datasheet HTML 5Page - ON Semiconductor NCP130 Datasheet HTML 6Page - ON Semiconductor NCP130 Datasheet HTML 7Page - ON Semiconductor NCP130 Datasheet HTML 8Page - ON Semiconductor NCP130 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP130
www.onsemi.com
5
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = VOUT(TYP) + 0.3 V, VBIAS = 2.7 V, VEN = VBIAS, VOUT(NOM) = 1.05 V, IOUT = 300 mA,
CIN = 1 mF, CBIAS = 0.1 mF, and COUT = 1 mF (effective capacitance), unless otherwise noted.
Figure 4. VIN Dropout Voltage vs. IOUT and
Temperature TJ
Figure 5. VIN Dropout Voltage vs. (VBIAS
VOUT) and Temperature TJ
IOUT, OUTPUT CURRENT (mA)
VBIAS − VOUT (V)
300
200
100
0
0
10
20
30
40
50
60
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
100
200
250
+125
°C
+25
°C
−40
°C
4.5
150
300
+125
°C
+25
°C
−40
°C
IOUT = 300 mA
Figure 6. VIN Dropout Voltage vs. (VBIAS
VOUT) and Temperature TJ
Figure 7. VBIAS Dropout Voltage vs. IOUT and
Temperature TJ
VBIAS − VOUT (V)
IOUT, OUTPUT CURRENT (mA)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
60
80
120
140
180
200
300
200
100
0
800
900
1000
1100
1200
1300
1400
Figure 8. BIAS Pin Current vs. IOUT and
Temperature TJ
Figure 9. BIAS Pin Current vs. VBIAS and
Temperature TJ
IOUT, OUTPUT CURRENT (mA)
VBIAS (V)
300
200
100
0
0
20
60
80
120
140
5.0
4.5
4.0
5.5
3.5
3.0
2.5
2.0
0
20
60
80
100
140
180
200
4.5
IOUT = 100 mA
40
100
160
+125
°C
+25
°C
−40
°C
40
100
+125
°C
+85
°C
−40
°C
40
120
160
70
80
90
100
+85
°C
250
150
50
+85
°C
250
150
50
+85
°C
+25
°C
250
150
50
+125
°C
+25
°C
−40
°C
+85
°C
+125
°C
+85
°C
−40
°C
+25
°C


Similar Part No. - NCP130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130 ONSEMI-NCP130 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
NCP1308 ONSEMI-NCP1308 Datasheet
201Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
December, 2005 ??Rev. 2
NCP1308 ONSEMI-NCP1308 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1308 ONSEMI-NCP1308 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1308DR2G ONSEMI-NCP1308DR2G Datasheet
201Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
December, 2005 ??Rev. 2
More results

Similar Description - NCP130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com