Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP551SN15T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP551SN15T1G
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP551SN15T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP551SN15T1G Datasheet HTML 4Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 5Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 6Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 7Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 8Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 9Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 10Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 11Page - ON Semiconductor NCP551SN15T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP551, NCV551
www.onsemi.com
11
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
NCP551SN15T1G
1.5
LAO
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN18T1G
1.8
LAP
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN25T1G
2.5
LAQ
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN27T1G
2.7
LAR
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN28T1G
2.8
LAS
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN29T1G
2.9
LJL
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN30T1G
3.0
LAT
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN31T1G
3.1
LJM
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN32T1G
3.2
LIV
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN33T1G
3.3
LAU
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCP551SN50T1G
5.0
LAV
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN14T1G*
1.4
AAT
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN15T1G*
1.5
LFZ
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN18T1G*
1.8
LGA
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN25T1G*
2.5
LGB
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN27T1G*
2.7
LGC
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN28T1G*
2.8
LGD
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN30T1G*
3.0
LGE
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN31T1G*
3.1
LJR
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN32T1G*
3.2
LFR
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN33T1G*
3.3
LGG
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN36T1G*
3.6
AEJ
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN38T1G*
3.8
AD5
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NCV551SN50T1G*
5.0
LGF
TSOP−5
(Pb−Free)
3000 / Tape & Reel
NOTE:
Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specific-
ations Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NCP551SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP551SN15T1G ONSEMI-NCP551SN15T1G Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP551SN15T1G ONSEMI-NCP551SN15T1G Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP551SN15T1G ONSEMI-NCP551SN15T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results

Similar Description - NCP551SN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com