Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP562 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP562
Description  80 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP562 Datasheet(HTML) 8 Page - ON Semiconductor

  NCP562_15 Datasheet HTML 1Page - ON Semiconductor NCP562_15 Datasheet HTML 2Page - ON Semiconductor NCP562_15 Datasheet HTML 3Page - ON Semiconductor NCP562_15 Datasheet HTML 4Page - ON Semiconductor NCP562_15 Datasheet HTML 5Page - ON Semiconductor NCP562_15 Datasheet HTML 6Page - ON Semiconductor NCP562_15 Datasheet HTML 7Page - ON Semiconductor NCP562_15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NCP562, NCV562, NCP563, NCV563
www.onsemi.com
8
PACKAGE DIMENSIONS
SC−82AB
CASE 419C−02
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. 419C−01 OBSOLETE. NEW STANDARD IS
419C−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
12
3
A
G
S
N
J
K
4
D 3 PL
B
F
L
C
H
0.05 (0.002)
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
1.80
2.20
0.071
0.087
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.20
0.40
0.008
0.016
F
0.30
0.50
0.012
0.020
G
1.10
1.50
0.043
0.059
H
0.00
0.10
0.000
0.004
J
0.10
0.26
0.004
0.010
K
0.10
−−−
0.004
−−−
L
0.05 BSC
0.002 BSC
N
0.20 REF
0.008 REF
S
1.80
2.40
0.07
0.09
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1.30
0.0512
mm
inches
SCALE 10:1
0.65
0.026
1.90
0.075
0.90
0.035
0.70
0.028
0.95
0.037
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCP562/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.


Similar Part No. - NCP562_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623BMUTBG ONSEMI-NCP5623BMUTBG Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623BMUTBG ONSEMI-NCP5623BMUTBG Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
More results

Similar Description - NCP562_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com