Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP130AMX115TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP130AMX115TCG
Description  300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP130AMX115TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP130AMX115TCG Datasheet HTML 1Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 2Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 3Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 4Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 5Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 6Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 7Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 8Page - ON Semiconductor NCP130AMX115TCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 3
1
Publication Order Number:
NCP130/D
NCP130
300mA, Very Low Dropout
Bias Rail CMOS Voltage
Regulator
The NCP130 is a 300 mA VLDO equipped with NMOS pass
transistor and a separate bias supply voltage (VBIAS). The device
provides very stable, accurate output voltage with low noise suitable
for space constrained, noise sensitive applications. In order to
optimize performance for battery operated portable applications, the
NCP130 features low IQ consumption. The XDFN6 1.2 mm x 1.2 mm
package is optimized for use in space constrained applications.
Features
Input Voltage Range: 0.8 V to 5.5 V
Bias Voltage Range: 2.4 V to 5.5 V
Fixed Output Voltage Device
Output Voltage Range: 0.8 V to 2.1 V
±1.5% Accuracy over Temperature, 0.5% VOUT @ 25°C
Ultra−Low Dropout: 150 mV Maximum at 300 mA
Very Low Bias Input Current of Typ. 80 mA
Very Low Bias Input Current in Disable Mode: Typ. 0.5 mA
Logic Level Enable Input for ON/OFF control
Output Active Discharge Option available
Stable with a 1 mF Ceramic Capacitor
Available in XDFN6 − 1.2 mm x 1.2 mm x 0.4 mm package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
Battery−powered Equipment
Smartphones, Tablets
Cameras, DVRs, STB and Camcorders
BIAS
IN
EN
OUT
GND
1
mF
VOUT
1.0 V @ 300 mA
VBIAS
2.7 V
VIN
1.3 V
VEN
1
mF
100 nF
NCP130
Figure 1. Typical Application Schematics
www.onsemi.com
See detailed ordering, marking and shipping information on
page 8 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
XDFN6
CASE 711AT
PIN CONNECTIONS
Thermal
T
Pad
1
2
3
6
5
4
OUT
NC
EN
IN
GND
BIAS
(Top VIew)
XX M
XX = Specific Device Code
M
= Date Code


Similar Part No. - NCP130AMX115TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130AMX115TCG ONSEMI-NCP130AMX115TCG Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results

Similar Description - NCP130AMX115TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com