Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34166THG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC34166THG
Description  3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34166THG Datasheet(HTML) 3 Page - ON Semiconductor

  MC34166THG Datasheet HTML 1Page - ON Semiconductor MC34166THG Datasheet HTML 2Page - ON Semiconductor MC34166THG Datasheet HTML 3Page - ON Semiconductor MC34166THG Datasheet HTML 4Page - ON Semiconductor MC34166THG Datasheet HTML 5Page - ON Semiconductor MC34166THG Datasheet HTML 6Page - ON Semiconductor MC34166THG Datasheet HTML 7Page - ON Semiconductor MC34166THG Datasheet HTML 8Page - ON Semiconductor MC34166THG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MC34166, MC33166
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values TA = +25°C, for min/max values TA is the operating ambient
temperature range that applies [Notes 3, 4], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VCC = 7.5 V to 40 V)
TA = +25°C
TA = Tlow to Thigh
fOSC
65
62
72
79
81
kHz
ERROR AMPLIFIER
Voltage Feedback Input Threshold
TA = +25°C
TA = Tlow to Thigh
VFB(th)
4.95
4.85
5.05
5.15
5.2
V
Line Regulation (VCC = 7.5 V to 40 V, TA = +25°C)
Regline
0.03
0.078
%/V
Input Bias Current (VFB = VFB(th) + 0.15 V)
IIB
0.15
1.0
mA
Power Supply Rejection Ratio (VCC = 10 V to 20 V, f = 120 Hz)
PSRR
60
80
dB
Output Voltage Swing
High State (ISource = 75 mA, VFB = 4.5 V)
Low State (ISink = 0.4 mA, VFB = 5.5 V)
VOH
VOL
4.2
4.9
1.6
1.9
V
PWM COMPARATOR
Duty Cycle
Maximum (VFB = 0 V)
Minimum (VComp = 1.9 V)
DC(max)
DC(min)
92
0
95
0
100
0
%
SWITCH OUTPUT
Output Voltage Source Saturation (VCC = 7.5 V, ISource = 3.0 A)
Vsat
(VCC −1.5)
(VCC −1.8)
V
Off−State Leakage (VCC = 40 V, Pin 2 = GND)
Isw(off)
0
100
mA
Current Limit Threshold
Ipk(switch)
3.3
4.3
6.0
A
Switching Times (VCC = 40 V, Ipk = 3.0 A, L = 375 mH, TA = +25°C)
Output Voltage Rise Time
Output Voltage Fall Time
tr
tf
100
50
200
100
ns
UNDERVOLTAGE LOCKOUT
Startup Threshold (VCC Increasing, TA = +25°C)
Vth(UVLO)
5.5
5.9
6.3
V
Hysteresis (VCC Decreasing, TA = +25°C)
VH(UVLO)
0.6
0.9
1.2
V
TOTAL DEVICE
Power Supply Current (TA = +25°C )
Standby (VCC = 12 V, VComp < 0.15 V)
Operating (VCC = 40 V, Pin 1 = GND for maximum duty cycle)
ICC
36
31
100
55
mA
mA
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
4. Tlow
= 0
°C for MC34166
Thigh = + 70°C for MC34166
= − 40
°C for MC33166
= + 85
°C for MC33166


Similar Part No. - MC34166THG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166THG ONSEMI-MC34166THG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
More results

Similar Description - MC34166THG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com