Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP130BMX115TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP130BMX115TCG
Description  300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP130BMX115TCG Datasheet(HTML) 6 Page - ON Semiconductor

  NCP130BMX115TCG Datasheet HTML 1Page - ON Semiconductor NCP130BMX115TCG Datasheet HTML 2Page - ON Semiconductor NCP130BMX115TCG Datasheet HTML 3Page - ON Semiconductor NCP130BMX115TCG Datasheet HTML 4Page - ON Semiconductor NCP130BMX115TCG Datasheet HTML 5Page - ON Semiconductor NCP130BMX115TCG Datasheet HTML 6Page - ON Semiconductor NCP130BMX115TCG Datasheet HTML 7Page - ON Semiconductor NCP130BMX115TCG Datasheet HTML 8Page - ON Semiconductor NCP130BMX115TCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NCP130
www.onsemi.com
6
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = VOUT(TYP) + 0.3 V, VBIAS = 2.7 V, VEN = VBIAS, VOUT(NOM) = 1.05 V, IOUT = 300 mA,
CIN = 1 mF, CBIAS = 0.1 mF, and COUT = 1 mF (effective capacitance), unless otherwise noted.
Figure 10. Current Limit vs. (VBIAS − VOUT)
VBIAS − VOUT (V)
4.5
4.0
3.0
2.5
1.5
1.0
0.5
0
0
100
300
400
500
700
800
+125
°C
+25
°C
−40
°C
2.0
3.5
5.0
200
600
+85
°C


Similar Part No. - NCP130BMX115TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130BMX115TCG ONSEMI-NCP130BMX115TCG Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results

Similar Description - NCP130BMX115TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com