Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34167TVG Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC34167TVG
Description  5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34167TVG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC34167TVG Datasheet HTML 6Page - ON Semiconductor MC34167TVG Datasheet HTML 7Page - ON Semiconductor MC34167TVG Datasheet HTML 8Page - ON Semiconductor MC34167TVG Datasheet HTML 9Page - ON Semiconductor MC34167TVG Datasheet HTML 10Page - ON Semiconductor MC34167TVG Datasheet HTML 11Page - ON Semiconductor MC34167TVG Datasheet HTML 12Page - ON Semiconductor MC34167TVG Datasheet HTML 13Page - ON Semiconductor MC34167TVG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC34167, MC33167
http://onsemi.com
10
4
2
1
5
3
+
CF
RF
R1
CO
4700
VO
5.05 V/5.0 A
R2
EA
Reference
Thermal
Oscillator
S
R
Q
PWM
UVLO
ILIMIT
Vin
12 V
Cin
330
+
6.8 k
68 k
0.1
Q1
D1
1N5825
L
190
mH
+
+
+
Test
Conditions
Results
Line Regulation
Vin = 10 V to 36 V, IO = 5.0 A
4.0 mV =
± 0.039%
Load Regulation
Vin = 12 V, IO = 0.25 A to 5.0 A
1.0 mV =
± 0.01%
Output Ripple
Vin = 12 V, IO = 5.0 A
20 mVpp
Short Circuit Current
Vin = 12 V, RL = 0.1 W
6.5 A
Efficiency
Vin = 12 V, IO = 5.0 A
Vin = 24 V, IO = 5.0 A
78.9%
82.6%
L = Coilcraft M1496−A or General Magnetics Technology GMT−0223, 42 turns of #16 AWG
on Magnetics Inc. 58350−A2 core. Heatsink = AAVID Engineering Inc. 5903B, or 5930B.
The Step−Down Converter application is shown in Figure 19. The output switch transistor Q1 interrupts the input voltage, generating a
squarewave at the LCO filter input. The filter averages the squarewaves, producing a dc output voltage that can be set to any level between
Vin and Vref by controlling the percent conduction time of Q1 to that of the total oscillator cycle time. If the converter design requires an output
voltage greater than 5.05 V, resistor R1 must be added to form a divider network at the feedback input.
Figure 19. Step−Down Converter
(Top View)
Vin
VO
CF
RF
R1
+−
+
+
+
Figure 20. Step−Down Converter Printed Circuit Board and Component Layout
(Bottom View)
3.0


Similar Part No. - MC34167TVG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34167TVG ONSEMI-MC34167TVG Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
More results

Similar Description - MC34167TVG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com