Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C22RL Datasheet(PDF) 7 Page - Motorola, Inc

Part # BZX79C22RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX79C22RL Datasheet(HTML) 7 Page - Motorola, Inc

Back Button BZX79C22RL Datasheet HTML 3Page - Motorola, Inc BZX79C22RL Datasheet HTML 4Page - Motorola, Inc BZX79C22RL Datasheet HTML 5Page - Motorola, Inc BZX79C22RL Datasheet HTML 6Page - Motorola, Inc BZX79C22RL Datasheet HTML 7Page - Motorola, Inc BZX79C22RL Datasheet HTML 8Page - Motorola, Inc BZX79C22RL Datasheet HTML 9Page - Motorola, Inc BZX79C22RL Datasheet HTML 10Page - Motorola, Inc BZX79C22RL Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-103
500 mW DO-35 Glass Data Sheet
ELECTRICAL CHARACTERISTICS (TA = 25°C, VF = 1.5 V Max at 200 mA for all types)
T
Nominal
Zener Voltage
Test
Maximum Zener Impedance
Maximum
DC Zener Current
Maximum Reverse Leakage Current
Type
Number
(Note 1)
Zener Voltage
VZ @ IZT
(Note 2)
Volts
Test
Current
IZT
mA
Maximum Zener Impedance
ZZT @ IZT
(Note 3)
Ohms
DC Zener Current
IZM
(Note 4)
mA
TA = 25°C
IR @ VR = 1 V
µA
TA = 150°C
IR @ VR = 1 V
µA
1N4370A
2.4
20
30
150
100
200
1N4371A
2.7
20
30
135
75
150
1N4372A
3
20
29
120
50
100
1N746A
3.3
20
28
110
10
30
1N747A
3.6
20
24
100
10
30
1N748A
3.9
20
23
95
10
30
1N749A
4.3
20
22
85
2
30
1N750A
4.7
20
19
75
2
30
1N751A
5.1
20
17
70
1
20
1N752A
5.6
20
11
65
1
20
1N753A
6.2
20
7
60
0.1
20
1N754A
6.8
20
5
55
0.1
20
1N755A
7.5
20
6
50
0.1
20
1N756A
8.2
20
8
45
0.1
20
1N757A
9.1
20
10
40
0.1
20
1N758A
10
20
17
35
0.1
20
1N759A
12
20
30
30
0.1
20
Type
Nominal
Zener Voltage
VZ
Test
Current
Maximum Zener Impedance
(Note 3)
Maximum
DC Zener Current
IZM
Maximum Reverse Current
Type
Number
(Note 1)
VZ
(Note 2)
Volts
Current
IZT
mA
ZZT @ IZT
Ohms
ZZK @ IZK
Ohms
IZK
mA
IZM
(Note 4)
mA
IR Maximum
µA
Test Voltage Vdc
VR
1N957B
6.8
18.5
4.5
700
1
47
150
5.2
1N958B
7.5
16.5
5.5
700
0.5
42
75
5.7
1N959B
8.2
15
6.5
700
0.5
38
50
6.2
1N960B
9.1
14
7.5
700
0.5
35
25
6.9
1N961B
10
12.5
8.5
700
0.25
32
10
7.6
1N962B
11
11.5
9.5
700
0.25
28
5
8.4
1N963B
12
10.5
11.5
700
0.25
26
5
9.1
1N964B
13
9.5
13
700
0.25
24
5
9.9
1N965B
15
8.5
16
700
0.25
21
5
11.4
1N966B
16
7.8
17
700
0.25
19
5
12.2
1N967B
18
7
21
750
0.25
17
5
13.7
1N968B
20
6.2
25
750
0.25
15
5
15.2
1N969B
22
5.6
29
750
0.25
14
5
16.7
1N970B
24
5.2
33
750
0.25
13
5
18.2
1N971B
27
4.6
41
750
0.25
11
5
20.6
1N972B
30
4.2
49
1000
0.25
10
5
22.8
1N973B
33
3.8
58
1000
0.25
9.2
5
25.1
1N974B
36
3.4
70
1000
0.25
8.5
5
27.4
1N975B
39
3.2
80
1000
0.25
7.8
5
29.7
1N976B
43
3
93
1500
0.25
7
5
32.7
1N977B
47
2.7
105
1500
0.25
6.4
5
35.8
1N978B
51
2.5
125
1500
0.25
5.9
5
38.8
1N979B
56
2.2
150
2000
0.25
5.4
5
42.6
1N980B
62
2
185
2000
0.25
4.9
5
47.1


Similar Part No. - BZX79C22RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C22 FAIRCHILD-BZX79C22 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Taiwan Semiconductor Co...
BZX79C22 TSC-BZX79C22 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
logo
Fairchild Semiconductor
BZX79C22 FAIRCHILD-BZX79C22 Datasheet
47Kb / 5P
   Zeners
logo
Continental Device Indi...
BZX79C22 CDIL-BZX79C22 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C22 EIC-BZX79C22 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX79C22RL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com