Electronic Components Datasheet Search |
|
C324C322GCG5TA7303 Datasheet(PDF) 6 Page - Kemet Corporation |
|
C324C322GCG5TA7303 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015 6 Radial Leaded Multilayer Ceramic Capacitors High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade) Table 1A – C31X Style/Size, Capacitance Range Waterfall cont'd Table 1B – C32X Style/Size, Capacitance Range Waterfall TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981. C320, C322, C323, C326, C328 Style/Size (0.100" and 0.200" Lead Spacing) Rated Voltage (VDC) 500 630 1000 1500 2000 Voltage Code C B D F G Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 1pF B = ±0.1pF C = ±0.25pF D = ±0.5pF 109 109 109 1.1pF 119 119 119 1.2pF 129 129 129 1.3pF 139 139 139 1.5pF 159 159 159 1.6pF 169 169 169 1.8pF 189 189 189 2.0pF 209 209 209 2.2pF 229 229 229 2.4pF 249 249 249 2.7pF 279 279 279 3.0pF 309 309 309 3.3pF 339 339 339 3.6pF 369 369 369 3.9pF 399 399 399 4.3pF 439 439 439 4.7pF 479 479 479 5.1pF 519 519 519 5.6pF 569 569 569 6.2pF 629 629 629 6.8pF 689 689 689 7.5pF 759 759 759 8.2pF 829 829 829 9.1pF 919 919 919 10pF 100 100 100 100 100 Rated Voltage (VDC) 500 630 1000 1500 2000 Voltage Code C B D F G C315, C316, C317, C318 Style/Size (0.100" and 0.200" Lead Spacing) Rated Voltage (VDC) 500 630 1000 Voltage Code C B D Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 220pF F = ±1% G = ±2% J = ±5% K = ±10% 221 221 221 240pF 241 241 241 270pF 271 271 271 300pF 301 301 330pF 331 331 360pF 361 361 390pF 391 391 430pF 431 431 470pF 471 471 510pF 511 511 560pF 561 561 620pF 621 680pF 681 750pF 751 820pF 821 Rated Voltage (VDC) 500 630 1,000 Voltage Code C B D |
Similar Part No. - C324C322GCG5TA7303 |
|
Similar Description - C324C322GCG5TA7303 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |