Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA1606ZGC-E Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APA1606ZGC-E
Description  1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA1606ZGC-E Datasheet(HTML) 1 Page - Kingbright Corporation

  APA1606ZGC-E Datasheet HTML 1Page - Kingbright Corporation APA1606ZGC-E Datasheet HTML 2Page - Kingbright Corporation APA1606ZGC-E Datasheet HTML 3Page - Kingbright Corporation APA1606ZGC-E Datasheet HTML 4Page - Kingbright Corporation APA1606ZGC-E Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAK0929
REV NO: V.5B
DATE: AUG/01/2016
PAGE: 1 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: W.Q.Zhong
ERP: 1203010246
1.6x0.6mm RIGHT ANGLE SMD CHIP LED
LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APA1606ZGC/E
Green
Features
1.6x1.2x0.6mm right angle SMD LED, 0.6mm thickness.
Low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Package :2000pcs / reel.
Moisture sensitivity level : level 3.
Tinned pads for improved solderability.
RoHS compliant.
Descriptions
The Green source color devices are made with InGaN
Light Emitting Diode.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APA1606ZGC-E

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA1606ZGC-G KINGBRIGHT-APA1606ZGC-G Datasheet
276Kb / 4P
   1.6 x 0.6 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - APA1606ZGC-E

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA1606RWF KINGBRIGHT-APA1606RWF Datasheet
391Kb / 7P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB87W SUNLED-ZM2BB87W Datasheet
191Kb / 4P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA1606RWF-A KINGBRIGHT-APA1606RWF-A Datasheet
386Kb / 7P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZVG87W SUNLED-ZVG87W Datasheet
189Kb / 4P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA1606CGCK KINGBRIGHT-APA1606CGCK Datasheet
274Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606MGC KINGBRIGHT-APA1606MGC Datasheet
289Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SECK KINGBRIGHT-APA1606SECK Datasheet
290Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SURCK KINGBRIGHT-APA1606SURCK Datasheet
275Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606PBC-Z KINGBRIGHT-APA1606PBC-Z Datasheet
294Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606SGC KINGBRIGHT-APA1606SGC Datasheet
269Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606VGC KINGBRIGHT-APA1606VGC Datasheet
282Kb / 5P
   1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com