Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3010QBC-D-GX Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APA3010QBC-D-GX
Description  3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA3010QBC-D-GX Datasheet(HTML) 5 Page - Kingbright Corporation

  APA3010QBC-D-GX Datasheet HTML 1Page - Kingbright Corporation APA3010QBC-D-GX Datasheet HTML 2Page - Kingbright Corporation APA3010QBC-D-GX Datasheet HTML 3Page - Kingbright Corporation APA3010QBC-D-GX Datasheet HTML 4Page - Kingbright Corporation APA3010QBC-D-GX Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAL3672
REV NO: V.8B
DATE: AUG/20/2015
PAGE: 5 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: M.Liu
ERP: 1203000606
PACKING & LABEL SPECIFICATIONS
APA3010QBC/D-GX
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - APA3010QBC-D-GX

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APA3010QBC-D-GX TO-GRACE-APA3010QBC-D-GX Datasheet
786Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - APA3010QBC-D-GX

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2CY56W SUNLED-ZM2CY56W Datasheet
186Kb / 4P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC KINGBRIGHT-APA3010PBC Datasheet
280Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC KINGBRIGHT-APA3010MGC Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SRCPRV KINGBRIGHT-APA3010SRCPRV Datasheet
275Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010QWF-F-GX TO-GRACE-APA3010QWF-F-GX Datasheet
1Mb / 6P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC-A KINGBRIGHT-APA3010PBC-A Datasheet
290Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF_0706 KINGBRIGHT-APA3010RWF_0706 Datasheet
348Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK KINGBRIGHT-APA3010SYCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010CGCK KINGBRIGHT-APA3010CGCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010QBC KINGBRIGHT-APA3010QBC Datasheet
281Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC-GX KINGBRIGHT-APA3010MGC-GX Datasheet
250Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com