Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4151WS Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1N4151WS
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N4151WS Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1N4151WS Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N4151WS Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4151WS
1)Valid provided that electrodes are kept at ambient temperature.
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
50
V
Peak reverse voltage
VRM
75
V
Average rectified current half
wave rectification with resistive
load
f
≥ 50 Hz
IF(AV)
1501)
mA
Surge current
t < 1 s and Tj = 25 °C
IFSM
500
mA
Power dissipation
Ptot
4101)
mW
Features
Thermal CharacteristicsTamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics T
amb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
RthJA
4501)
°C/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 50 mA
VF
1V
Leakage current
VR = 50 V
IR
50
nA
VR = 20 V, Tj = 150 °C
IR
50
µA
Reverse breakdown voltage
IR = 5 µA (pulsed)
V(BR)
75
V
Capacitance
VF = VR = 0 V
2pF
Reverse recovery time
IF = 10 mA to IR = 10 mA
to IR = 1 mA
trr
4ns
IF = 10 mA to IR = 1 mA,
VR = 6 V, RL = 100 Ω
trr
2ns
Rectification efficiency
f = 100 MHz, VRF = 2 V
ην
0.45
Fast switching diode
Silicon Epitaxial Planar Diode
!
!
Maximum Ratings @ TA = 25°C unless otherwise specified
1 of 2
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
All Dimensions in mm
G
A
C
E
H
D
B
!
Case: SOD-323, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.004 grams (approx.)
!
Marking: A5
Mechanical Data
SURFACE MOUNT FAST SWITCHING DIODE


Similar Part No. - 1N4151WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151WS VISHAY-1N4151WS Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 14-Oct-16
1N4151WS VISHAY-1N4151WS Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.8, 06-Jul-17
1N4151WS VISHAY-1N4151WS Datasheet
97Kb / 5P
   Small Signal Fast Switching Diode
01-Jan-2022
1N4151WS-E3-08 VISHAY-1N4151WS-E3-08 Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.8, 06-Jul-17
1N4151WS-E3-18 VISHAY-1N4151WS-E3-18 Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.8, 06-Jul-17
More results

Similar Description - 1N4151WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com