Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALFT-04 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ALFT-04
Description  Common Mode Line Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALFT-04 Datasheet(HTML) 2 Page - Abracon Corporation

  ALFT-04 Datasheet HTML 1Page - Abracon Corporation ALFT-04 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALFT-04
Common Mode Line Filter
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 03.12.14
Visit www.abracon.com for Terms & Conditions of Sale
MATERIALS
Packing
100pcs/Box
SCHEMATICS
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
Pb RoHS/RoHS II compliant 16.30 x 30.48 x 31.80mm
Part Name
UL file
Number
Supplier
Magnet Wire
E234565
Dezgou Feilong Electrical Material Co.
Epoxy
E218090
DONGGUAN CITY HUMEN EATTO INSULATION MATERIAL
FACTORY
Epoxy
E105888
SHAW HUOW ENTERPRISE CO LTD
Base
E59481(S)
CHANG CHUN PLASTICS CO. LTD


Similar Part No. - ALFT-04

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALFT-03A ABRACON-ALFT-03A Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
ALFT-03A-1 ABRACON-ALFT-03A-1 Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
ALFT-03A-10 ABRACON-ALFT-03A-10 Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
ALFT-03A-11 ABRACON-ALFT-03A-11 Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
ALFT-03A-12 ABRACON-ALFT-03A-12 Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
More results

Similar Description - ALFT-04

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0056-CMC125 XFMRS-XF0056-CMC125 Datasheet
51Kb / 1P
   COMMON MODE LINE FILTER
logo
Accetek Electronics (Sh...
2CA ACCETEK-2CA Datasheet
313Kb / 4P
   Common Mode Line Filter
logo
Abracon Corporation
ALFT-09V ABRACON-ALFT-09V Datasheet
1Mb / 3P
   Common Mode Line Filter
01.02.14
logo
XFMRS Inc.
XF0474-CMC125 XFMRS-XF0474-CMC125 Datasheet
51Kb / 1P
   COMMON MODE LINE FILTER
XF2506-CMC12 XFMRS-XF2506-CMC12 Datasheet
262Kb / 2P
   COMMON MODE SMD LINE FILTER
logo
PCA ELECTRONICS INC.
EPA120 PCA-EPA120 Datasheet
54Kb / 1P
   4 Line Common Mode Filter
logo
Semtech Corporation
ECLAMP8052P SEMTECH-ECLAMP8052P Datasheet
896Kb / 9P
   2-Line Common Mode Filter
logo
PCA ELECTRONICS INC.
EPA120-A120G PCA-EPA120-A120G_15 Datasheet
58Kb / 1P
   4 Line Common Mode Filter
logo
List of Unclassifed Man...
CM608301M80R ETC2-CM608301M80R Datasheet
215Kb / 2P
   COMMON MODE CHOKES / LINE FILTER BALUM
logo
Wurth Elektronik GmbH &...
744227S WURTH-744227S Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com