Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103CW Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SD103CW
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SD103CW Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SD103CW Datasheet HTML 1Page - SUNMATE electronic Co., LTD SD103CW Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SD103AW THRU SD103CW
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
1
2
3
4
5
0
0.5
1.0
1.5
V , FORWARD VOLTAGE (V)
Fig.2 Typical High Current Fwd Characteristics
F
t = 300 s
duty cycle = 2%
p
µ
0
10
20
30
40
50
0
100
200
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Blocking Voltage Derating Curves
A
°
100mA
200mA
I = 400mA
F
0.1
1.0
100
20
30
40
V , REVERSE VOLTAGE (V)
Fig.4Typ. Junction Capacitance vs Reverse Voltage
R
10
10
0
2 of 2


Similar Part No. - SD103CW

ManufacturerPart #DatasheetDescription
logo
Shunye Enterprise
SD103CW SHUNYE-SD103CW Datasheet
706Kb / 2P
   SCHTTKY DIODES
logo
Pan Jit International I...
SD103CW PANJIT-SD103CW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Micro Commercial Compon...
SD103CW MCC-SD103CW Datasheet
209Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
Guangdong Kexin Industr...
SD103CW KEXIN-SD103CW Datasheet
37Kb / 1P
   Schottky Barrier Switching Diodes
logo
Shenzhen Jin Yu Semicon...
SD103CW HTSEMI-SD103CW Datasheet
435Kb / 2P
   SCHOTTKY DIODES
More results

Similar Description - SD103CW

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com