Electronic Components Datasheet Search |
|
C317C322GFG5TA7303 Datasheet(PDF) 11 Page - Kemet Corporation |
|
C317C322GFG5TA7303 Datasheet(HTML) 11 Page - Kemet Corporation |
11 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015 11 Radial Leaded Multilayer Ceramic Capacitors High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade) Table 1D – C33X Style/Size (0.200" Lead Spacing), Capacitance Range Waterfall cont'd TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981. *Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC330andC331. Table 1E – C34X Style/Size, Capacitance Range Waterfall TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981. *Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC340. C330, C331, C333, C335, C336 Style/Size (0.200" and 0.250" Lead Spacing) Rated Voltage (VDC) 500 630 1000 1500 2000 2500 3000 Voltage Code C B D F G Z H Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 2200pF F = ±1% G = ±2% J = ±5% K = ±10% 222* 222* 222* 222 222 2400pF 242* 242* 242* 242 242 2700pF 272* 272* 272* 272 272 3000pF 302* 302* 302 302 302 3300pF 332* 332* 332 332 3600pF 362* 362* 362 362 3900pF 392* 392* 392 392 4300pF 432* 432* 432 432 4700pF 472* 472* 472 472 5100pF 512* 512* 512 512 5600pF 562* 562* 562 562 6200pF 622* 622* 622 6800pF 682* 682* 682 7500pF 752* 752 752 8200pF 822* 822 822 9100pF 912 912 912 0.01µF 103 103 103 0.012µF 123 123 123 0.015µF 153 153 0.018µF 183 183 0.022µF 223 0.027µF 273 0.033µF 333 Rated Voltage (VDC) 500 630 1000 1500 2000 2500 3000 Voltage Code C B D F G Z H C340, C346 Style/Size (0.200" Lead Spacing) Rated Voltage (VDC) 500 630 1000 1500 2000 2500 3000 Voltage Code C B D F G Z H Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 10pF F = ±1% G = ±2% J = ±5% K = ±10% 100* 100* 100* 100* 100* 100 100 11pF 110* 110* 110* 110* 110* 110 110 12pF 120* 120* 120* 120* 120* 120 120 13pF 130* 130* 130* 130* 130* 130 130 15pF 150* 150* 150* 150* 150* 150 150 16pF 160* 160* 160* 160* 160* 160 160 18pF 180* 180* 180* 180* 180* 180 180 20pF 200* 200* 200* 200* 200* 200 200 22pF 220* 220* 220* 220* 220* 220 220 24pF 240* 240* 240* 240* 240* 240 240 27pF 270* 270* 270* 270* 270* 270 270 30pF 300* 300* 300* 300* 300* 300 300 33pF 330* 330* 330* 330* 330* 330 330 36pF 360* 360* 360* 360* 360* 360 360 Rated Voltage (VDC) 500 630 1000 1500 2000 2500 3000 Voltage Code C B D F G Z H |
Similar Part No. - C317C322GFG5TA7303 |
|
Similar Description - C317C322GFG5TA7303 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |