Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9201-05-20 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 9201-05-20
Description  Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

9201-05-20 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  9201-05-20 Datasheet HTML 1Page - RHOPOINT COMPONENTS 9201-05-20 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
Model Number
9201
9202
9301
Parameters
Test Conditions
Units
1 Form A
1 Form A
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
Max. Coil Voltage
VDC
6.5
15.0
6.5
15.0
6.5
15.0
Coil Resistance
+/- 10%, 25° C
250
650
150
650
350
1000
Operate Voltage
Must Operate by
VDC - Max.
3.75
9.0
3.75
9.0
3.75
9.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
200
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
1.5
1.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
15
Life Expectancy-Typical
1
Signal Level 1.0V,10mA
x 10
6 Ops.
1000
1000
250
Static Contact
Resistance (max. init.)
50mV, 10mA
0.150
0.150
0.150
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
0.200
0.200
0.200
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
0.7
-
-
-
0.8
0.1
0.7
-
-
Open Contact to Coil
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
1.4
-
-
-
1.4
0.2
1.4
-
-
Contact to Shield
Contacts Open,
Shield Floating
pF
-
1.4
-
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
300
-
1500
300
1500
1500
x 500
3
-
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.40
0.40
0.40
Release Time - Typical
Zener-Diode Suppression
4
msec.
0.10
0.10
0.10
1 Form A
50
Ω Coaxial
9200-9300 Series/Surface Mount Reed Relays
Environmental Ratings
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
The operate and release voltage and the coil resistance
are specified at 25°C. These values vary by approximately
0.4%/°C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Notes:
1Consult factory for life expectancy at other switching loads.
2Surface mount component processing temperature:
430°F(221°C) max for 1 minute dwell time. Temperature
measured on leads where lead exits molded package.
3Higher dielectric strength available, consult factory.
4Consists of 20V Zener-diode and 1N1002 diode in series,
connected in parallel with coil.
Top View:
Dot stamped on top of relay refers to pin #1 location


Similar Part No. - 9201-05-20

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9201-05-20 COTO-9201-05-20 Datasheet
307Kb / 2P
   Surface Mount Reed Relays
More results

Similar Description - 9201-05-20

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
   Surface Mount Reed Relays
logo
RHOPOINT COMPONENTS
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9400 ETC-9400 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9852 ETC-9852 Datasheet
96Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
   Surface Mount Reed Relays
9300 COTO-9300 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com