Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD021-00 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # AD021-00
Description  GMR Digital Sensor Evaluation Kit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

AD021-00 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  AD021-00 Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhopoint Components Ltd
Tel: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Germany: +49 (0) 692 199 8606
Fax: +49 (0) 692 199 8595
Email: sales@rhopointcomponents.com
Website: www.rhopointcomponents.com
This kit was created to
facilitate
laboratory
experimentation
and
developed using
GMR
digital
switch
output
sensors. The kit consists
of 16 distinct GMR
sensors that span the
magnetic field range and
output types available in
the AD series. All sensors
in this kit are packaged in
the TSSOP miniature
surface mount package.
The kit also includes a
ceramic bar magnet, printed circuit board (PCB) and a TSSOP ZIF
socket with Kelvin contacts.
The kit consists of the following:
GMR Digital Sensor Evaluation Kit
AG910
Part
Part
Output
Output
Level and Axis of
Number
Marking type
Configuration
Sensitivity
(Specified by 3rd
(Specified by 4th &
Character)
5th Characters)
of Part No.
of Part No.
AD004-00 BBH
0:= Single 20mA
04:= Std Axis, 20 Oe
AD005-00 BBG
Sink Output
05:= Std Axis, 40 Oe
AD006-00 BBJ
Single
1:= Single 20mA
06:= Std Axis, 80 Oe
AD020-00 BBK
Sink
Source Output
20:= Std Axis, 28 Oe
AD021-00 BBB
2:= 20mA Source
21:= Cross Axis, 20 Oe
AD022-00 BBC
Output & 20mA
22:= Cross Axis, 40 Oe
AD023-00 BBD
Sink Output
23:= Cross Axis, 80 Oe
AD024-00 BBF
3:= Dual 20mA
24:= Cross Axis, 28 Oe
AD105-00 DBG
Single
Sink Outputs
AD122-00 DBC
Source
6:= 20mA Source
AD222-00 FBC
Sink/
Output + 20mA Sink
AD224-00 FBF
Source
Output and External
AD320-00 GBK
Sink/
Regulated Voltage
AD324-00 GBF
Sink
7:= Dual Sink
AD624-00 KBF
Sink/
Outputs +
Source/
External
Vreg
Regulated Voltage
AD724-00 LBF
Sink/
Sink/
Vreg
AG910-06 N/A
N/A
2.5 x 5cm PCB
SB-015
N/A
N/A
GMR Switch Brochure
SN 12100 N/A
N/A
TSSOP Socket
SN 12032 N/A
N/A
Ceramic Magnet,
2.5 x 0.6 x 1cm
GMR Switch Digital Evaluation Kit Parts List


Similar Part No. - AD021-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD021-00 ETC2-AD021-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
AD021-00E ETC2-AD021-00E Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

Similar Description - AD021-00

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AG003-01 RHOPOINT-AG003-01 Datasheet
331Kb / 1P
   GMR Current Sensor Evaluation Kit
logo
TT Electronics.
OPB780-KIT TTELEC-OPB780-KIT Datasheet
299Kb / 9P
   Color Sensor Evaluation Kit
logo
List of Unclassifed Man...
65801-006LF ETC2-65801-006LF Datasheet
574Kb / 1P
   StretchSense Evaluation Kit Sensor
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
   GMR Angle Sensor
May 2010 V1.1
TLE5011 INFINEON-TLE5011_11 Datasheet
577Kb / 45P
   GMR Angle Sensor
March 2011
TLE5009-E2000 INFINEON-TLE5009-E2000 Datasheet
1Mb / 32P
   GMR-Based Angular Sensor
Rev. 1.1, 2012-04
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
   GMR-Based Angle Sensor
Rev. 1.1, 2015-09
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
   GMR-based Angle Sensor
Rev. 1.1 2019-04-04
logo
Maxim Integrated Produc...
DS1701K MAXIM-DS1701K Datasheet
293Kb / 7P
   1-Wire Temperature Sensor Evaluation Kit
Revision 1.0 2/99
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
   Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com