Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRK-10R0-10-M Datasheet(PDF) 4 Page - RHOPOINT COMPONENTS

Part # BRK-10R0-10-M
Description  High Load and Braking Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

BRK-10R0-10-M Datasheet(HTML) 4 Page - RHOPOINT COMPONENTS

  BRK-10R0-10-M Datasheet HTML 1Page - RHOPOINT COMPONENTS BRK-10R0-10-M Datasheet HTML 2Page - RHOPOINT COMPONENTS BRK-10R0-10-M Datasheet HTML 3Page - RHOPOINT COMPONENTS BRK-10R0-10-M Datasheet HTML 4Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Load and Braking Resistors
Typ / type BRK
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 08/11/2001
BRK-4 / 4
Technische Änderungen vorbehalten - technical modifications reserved
pulse width
power [W]
pulse width
power [W]
10k
1k
100
10
1
0.1
100k
1M
1
10
100
1k
10k
100k
1
µs
10
µs
100
µs
1 ms
10 ms
100 ms
1 s
10 s
100 s
10M
29.10.1998
maximale Pulsenergie / Pulsleistung als Funktion der Pulsdauer
maximum pulseenergy / power versus pulse length
Bestellbeispiel / ordering example:
BRK-10R0-10-L
Ausführung: K = Kontakte / pin connectors
version:
L = Siliconlitze / flying leads
M = Teflonlitze / copper leads with teflon insulation
Toleranz 10% / tolerance 10%
Widerstandswert / resistance value (R=10 Ohm)
Typ / type


Similar Part No. - BRK-10R0-10-M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BRK0003 PULSE-BRK0003 Datasheet
1Mb / 15P
   Do-Everything Antenna Bracket
BRK0003 PULSE-BRK0003 Datasheet
1Mb / 17P
   Do-Everything Antenna Bracket
BRK0004 PULSE-BRK0004 Datasheet
1Mb / 15P
   Do-Everything Antenna Bracket
BRK0004 PULSE-BRK0004 Datasheet
1Mb / 17P
   Do-Everything Antenna Bracket
BRK0005 PULSE-BRK0005 Datasheet
1Mb / 17P
   Do-Everything Antenna Bracket
More results

Similar Description - BRK-10R0-10-M

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
BRM-10R0-10-L RHOPOINT-BRM-10R0-10-L Datasheet
175Kb / 4P
   High Load and Braking Resistors
BRQ-10R0-10-L RHOPOINT-BRQ-10R0-10-L Datasheet
178Kb / 4P
   High Load and Braking Resistors
logo
List of Unclassifed Man...
MBH3000 ETC-MBH3000 Datasheet
703Kb / 2P
   Mini Braking High Power Resistors
DBRI-EW16K ETC1-DBRI-EW16K Datasheet
711Kb / 2P
   Dynamic Braking Resistors
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
   High Pulse Load MELF Resistors
Revision: 01-Mar-10
CBB0207 VISHAY-CBB0207 Datasheet
132Kb / 9P
   High Pulse Load Carbon Film Leaded Resistors
Revision: 07-Jul-10
WK8 VISHAY-WK8 Datasheet
152Kb / 9P
   High Pulse Load, High Power Metal Oxide Leaded Resistors
01-Jan-2022
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
logo
IXYS Corporation
VGB0124AY7A IXYS-VGB0124AY7A Datasheet
26Kb / 2P
   Braking Rectifier
logo
Token Electronics Indus...
RCR TOKEN-RCR Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com