Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2520FC Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # CHR2520FC
Description  HIGH Resistance Precision Chip Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

CHR2520FC Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  CHR2520FC Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
These high resistance precision chip resistors are designed for use
in extremely low signal detection / amplification circuits. Applications
include: Photodiode signal amplification, photomultipliers, ionization
detection, etc. These precision high resistance chip resistors can
also be ideal for use as the input resistor for high impedance voltage
division.
Style FC - Flip Chip version for surface mount applications. This
version has solderable metallized termination pads on one side of the
substrate, the same side as the resistive element. The back side of
the substrate is bare ceramic.
Style WB - Wire Bond versions for hybrid applications are available
on a custom basis for high quantity applications. Contact Applications
Engineering.
Type CHR High Resistance Precision Chip Resistors
Style FC - Flip Chip Version is a surface mount version with solderable pads for flip chip soldering.
Temperature Coefficient:
10 Meg to 25 Meg:
25 ppm/°C -40°C to +85°C, referenced to +25°C.
Above 25 Meg:
35 ppm/°C +10°C to +40°C, referenced to +25°C.
70 ppm/°C -40°C to +85°C, referenced to +25°C.
TC is referenced to +25°C, ΔR taken at low
temperature and high temperature.
Load Life: 1000 hours at rated voltage
at +85°C, ΔR ± 0.3% max.
Momentary Overload: 1.5 times rated
voltage, for 5 seconds, ΔR ± 0.3% max.
Thermal Shock: Mil-Std-202, Method 107.
-40°C to +85°C, 5 cycles, ΔR ± 0.3% max.
Operating Temperature: -40°C to +85°C.
A
D
B
C
Dimensions:
Ko signifies tape thickness and dimension
12mm
0.473”
Ao
Bo
7” dia.
(178 mm)
.512” arbor hole
(13mm)
Packaging information:
Style FC, flip chip resistors, are shipped with the bare ceramic
side up in the pocket, with the solderable pads facing down.
The illustration shows the orientation of the pocket. The
CHR2520FC is available only with this pocket orientation.
Full reel quantities:
1000 pieces per reel. Quantities of less than 250 will be shipped in
tape without reel and without tape leader at the option of Caddock.
Tape dimensions and materials will be consistent with EIA-481-1.
Reels will be marked with a label containing Caddock logo, part
number, resistor value, tolerance, packaging date, and quantity.
Standard Resistance Values:
Tolerance ±1% Standard.
10.0 Meg
20.0 Meg
25.0 Meg
40.0 Meg
50.0 Meg
75.0 Meg
80.0 Meg
100 Meg
Carrier Tape and pocket dimensions:
Tape is 12mm Carrier Tape (8mm pitch)
0.271” (6.88mm)
Size 2520
0.216” (5.49mm)
0.066” (1.68mm)
Ao
Bo
Ko
10 Meg to 100 Meg, 1% Tolerance, Temperature Coefficient to as low as 25 ppm/°C
Model
Resistance
Min.
Max.
CHR2520FC
+85°C
Max. Temp.
Max. Voltage Rating
150
Dimensions in inches and (millimeters)
.250 ±.007
(6.35 ±.18)
A
B
D
.200 ±.007
(5.08 ±.18)
.033 min.
(.84)
C
.027 ±.003
(.69 ±.08)
Comments
Solderable Pads
100 Meg
10 Meg
Ordering Information:
CHR 2520 FC - 10.0 Meg - 1%
Type CHR
Physical Size
2520 = 0.250” x 0.200”
Style:
FC
Resistor Value (Ω)
See “Standard Resistance Values”
Tolerance:
Specifications:
Solder attachment note:
Style FC has a bare ceramic back
surface. The recommended solders for
flip chip solder attachment are
62Sn/36Pb/2Ag, 96.5Sn/3.5Ag, or
standard Sn/Ag/Cu solder alloys.
Custom resistance values and non-standard
tolerances can be manufactured for high
quantity applications. Please contact
Caddock Applications
Engineering.
• Higher Resistances up to 1,000 Meg
• Higher Voltage Ratings
• Application Optimized Tolerance and TC
• Precision Tolerance to ±0.25%
• Offset TC (such as -150 ppm/°C ±50 ppm/°C)
• Gold Wire Bondable Versions
• Aluminum Wire Bondable Versions
See table for dimensions in inches and (millimeters).
Custom
Type CHR Resistors
28_IL133.1004


Similar Part No. - CHR2520FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHR2520FC ETC2-CHR2520FC Datasheet
99Kb / 1P
   High Resistance Precision Chip Resistors
logo
Caddock Electronics, In...
CHR2520FC CADDOCK-CHR2520FC Datasheet
114Kb / 1P
   Type CHR High Resistance Precision Chip Resistors
More results

Similar Description - CHR2520FC

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AEN-0103 RHOPOINT-AEN-0103 Datasheet
14Kb / 1P
   High Resistance Precision Chip Resistors
logo
List of Unclassifed Man...
CHR2520FC ETC2-CHR2520FC Datasheet
99Kb / 1P
   High Resistance Precision Chip Resistors
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
   Low Resistance Precision Chip Resistors
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
   Low Resistance Precision Chip Resistors
logo
Caddock Electronics, In...
CHR2520FC CADDOCK-CHR2520FC Datasheet
114Kb / 1P
   Type CHR High Resistance Precision Chip Resistors
logo
RHOPOINT COMPONENTS
CD2015FC RHOPOINT-CD2015FC Datasheet
564Kb / 2P
   CD Low Resistance Precision Chip Resistors
logo
Bourns Electronic Solut...
CRH1206-LF BOURNS-CRH1206-LF Datasheet
290Kb / 2P
   High resistance chip resistors
CRH0805 BOURNS-CRH0805 Datasheet
265Kb / 2P
   High resistance chip resistors
CRH0603-LF BOURNS-CRH0603-LF Datasheet
267Kb / 2P
   High resistance chip resistors
logo
Caddock Electronics, In...
CD2015FC CADDOCK-CD2015FC Datasheet
511Kb / 2P
   Type CD Low Resistance Precision Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com