Electronic Components Datasheet Search |
|
CFM-A225-13 Datasheet(PDF) 2 Page - CUI INC |
|
CFM-A225-13 Datasheet(HTML) 2 Page - CUI INC |
2 / 6 page cui.com date 08/15/2016 │ page 2 of 6 CUI Inc │ SERIES: CFM-120 │ DESCRIPTION: DC AXIAL FAN INPUT parameter conditions/description min typ max units operating input voltage 12 Vdc input models 24 Vdc input models 48 Vdc input models 6 16 30 12 24 48 13.8 27.6 55.2 Vdc Vdc Vdc current CFM-A225-13 CFM-A225-23 CFM-A225-43 CFM-A238-13 CFM-A238-23 CFM-A238-43 0.59 0.31 0.17 1.40 0.77 0.36 0.79 0.39 0.23 1.75 0.88 0.48 A A A A A A power CFM-A225-13 CFM-A225-23 CFM-A225-43 CFM-A238-13 CFM-A238-23 CFM-A238-43 7.08 7.44 8.16 16.80 18.48 17.28 9.48 9.36 11.04 21 21.12 23.04 W W W W W W starting voltage at 25°C 12 Vdc input models 24 Vdc input models 48 Vdc input models 6 12 24 Vdc Vdc Vdc PERFORMANCE parameter conditions/description min typ max units rated speed at 25°C, after 10 minutes CFM-A225 models CFM-A238 models 3,690 4,140 4,100 4,600 4,510 5,060 RPM RPM air flow at 0 mm H 2O, see performance curves CFM-A225 models CFM-A238 models 126.89 200.9 CFM CFM static pressure at 0 CFM, see performance curves CFM-A225 models CFM-A238 models 12.52 19.80 mm H 2O mm H 2O noise at 1 m CFM-A225 models CFM-A238 models 51.5 59.5 53.5 61.5 dBA dBA PROTECTIONS / SIGNALS1 parameter conditions/description min typ max units auto restart protection available on all models rotation detector available on “11” models tachometer signal available on “20” and “22” models PWM control signal available on “22” models Notes: 1. See application notes for details. SAFETY & COMPLIANCE parameter conditions/description min typ max units insulation resistance of frame at 500 Vdc between frame and positive terminal 10 MΩ dielectric strength at 500 Vac, 60 Hz, 1 minute between frame and positive terminal 5 mA safety approvals UL/cUL 507, TUV (EN 60950-1) EMI/EMC EN 55022:2010+AC:2011 Class B, EN 61000-3- 2:2014, EN 61000-3-3:2013, EN 55024:2010 life expectancy at 45°C, 15~65% RH 70,000 hours RoHS 2011/65/EU For more information, please visit the product page. |
Similar Part No. - CFM-A225-13 |
|
Similar Description - CFM-A225-13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |