Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1885C1H101JA01D Datasheet(PDF) 5 Page - RFHIC

Part # GRM1885C1H101JA01D
Description  GaN Doherty Hybrid Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

GRM1885C1H101JA01D Datasheet(HTML) 5 Page - RFHIC

  GRM1885C1H101JA01D Datasheet HTML 1Page - RFHIC GRM1885C1H101JA01D Datasheet HTML 2Page - RFHIC GRM1885C1H101JA01D Datasheet HTML 3Page - RFHIC GRM1885C1H101JA01D Datasheet HTML 4Page - RFHIC GRM1885C1H101JA01D Datasheet HTML 5Page - RFHIC GRM1885C1H101JA01D Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GaN Doherty Hybrid Amplifier RTH35003-20D
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facilities : 919-677-8780 / sales@rfhicusa.com
5 / 6
Version 3.0
Package Dimensions (Type: SP-1E)
* Unit: mm[inch] | Tolerance: ±0.15[.006]
* Unit: mm[inch] | Tolerance: ±0.15[.006]
Top View
Side View
Bottom View
Pin Description (RTH35003-20D)
Pin No
Function
Pin No
Function
Pin No
Function
Pin No
Function
1
Vgd
4
GND
8
GND
11
Vds
2
RF In
5
Vgp
9
RF Out
12
GND
3
GND
6
GND
10
GND
13
Vgc
7
Vds
14
Vds
Recommended Mounting Configuration
* Mounting Configuration Notes
1. For the proper performance of the device, Ground / Thermal via holes must be designed to remove heat.
2. To properly use heatsink, ensure the ground/thermal via hole region to contact the heatsink. We recommend the mounting screws
be added near the heatsink to mount the board
3. In designing the necessary RF trace, width will depend upon the PCB material and construction.
4. Use 1 oz. Copper minimum thickness for the heatsink.
5. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink
6. We recommend adding as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
7. We recommend that the PCB with the RF device in a hybrid package(RTH Series) is not washed to remove the flux.
20
[.787]
32
[1.26]
4.2
[.165]
LID
PCB
4
[.157]
7
[.276]
7
[.276]
7
[.276]
7
[.276]
5
[.197]
31.8
[1.252]
1
[.039]
3
[.118]
1.5
[.059]
2.5
[.098]


Similar Part No. - GRM1885C1H101JA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
More results

Similar Description - GRM1885C1H101JA01D

ManufacturerPart #DatasheetDescription
logo
RFHIC
RPAM35008-25 RFHIC-RPAM35008-25 Datasheet
456Kb / 5P
   GaN Doherty Hybrid Amplifier
RTH36004N-24 RFHIC-RTH36004N-24 Datasheet
1Mb / 9P
   GaN Doherty Hybrid Amplifier
RTH07003-20D RFHIC-RTH07003-20D Datasheet
581Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18007-10 RFHIC-RTH18007-10 Datasheet
330Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH23007-10 RFHIC-RTH23007-10 Datasheet
295Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH36016M-23 RFHIC-RTH36016M-23 Datasheet
730Kb / 7P
   GaN Doherty Hybrid Amplifier
RTH08003-20D RFHIC-RTH08003-20D Datasheet
586Kb / 6P
   GaN Doherty Hybrid Amplifier
RTH18008R RFHIC-RTH18008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
RTH18008S-30 RFHIC-RTH18008S-30 Datasheet
787Kb / 8P
   GaN Doherty Hybrid Amplifier
RTH19008R RFHIC-RTH19008R Datasheet
565Kb / 4P
   GaN Doherty Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com