Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V8980PV Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V8980PV
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V8980PV Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V8980PV Datasheet HTML 1Page - Integrated Device Technology IDT72V8980PV Datasheet HTML 2Page - Integrated Device Technology IDT72V8980PV Datasheet HTML 3Page - Integrated Device Technology IDT72V8980PV Datasheet HTML 4Page - Integrated Device Technology IDT72V8980PV Datasheet HTML 5Page - Integrated Device Technology IDT72V8980PV Datasheet HTML 6Page - Integrated Device Technology IDT72V8980PV Datasheet HTML 7Page - Integrated Device Technology IDT72V8980PV Datasheet HTML 8Page - Integrated Device Technology IDT72V8980PV Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Commercial Temperature Range
IDT72V8980 3.3V Time Slot Interchange
Digital Switch 256 x 256
If the ODE input pin is LOW, then all the serial outputs are high-impedance.
IfODEisHIGH,thenbit0(OutputEnable)oftheCMHlocationenables(ifHIGH)
or disables (if LOW) the output stream and channel.
Thecontentsofbit1(CCO)ofeachConnectionMemoryHighLocation(see
Table 4) is output on CCO pin once every frame. The CCO pin is a 2.048 Mb/s
output, which carries 256 bits. If CCO bit is set HIGH, the corresponding bit on
CCO output is transmitted HIGH. If CCO is LOW, the corresponding bit on the
CCOoutputistransmittedinLOW. Thecontentsofthe256CCObitsoftheCMH
are transmitted sequentially on to the CCO output pin and are synchronous to
the TX streams. To allow for delay in any external control circuitry the contents
of the CCO bit is output one channel before the corresponding channel on the
TXstreams. Forexample,thecontentsofCCObitinposition0(corresponding
to TX0, CH0) is transmitted synchronously with the TX channel 31, bit 7. Bit 1's
ofCMHforchannel1ofstreams0-7areoutputsynchronouslywithTXchannel
0 bits 7-0.
INITIALIZATION OF THE IDT72V8980
On initialization or power up, the contents of the Connection Memory High
can be in any state. This is a potentially hazardous condition when multiple TX
TABLE 2 — ADDRESS MAPPING
Connection Memory High
Connection Memory Low
Channel 0
Channel 1
Channel 2
Channel 31
Channel 0
Channel 1
Channel 2
Channel 31
Channel 0
Channel 1
Channel 2
Channel 31
Channel 0
Channel 1
Channel 2
Channel 31
Channel 0
Channel 1
Channel 2
Channel 31
Channel 0
Channel 1
Channel 2
Channel 31
Channel 0
Channel 1
Channel 2
Channel 31
Channel 0
Channel 1
Channel 2
Channel 31
100001
100010
111111
Data Memory
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
Stream
0
1
1
0
1
1
Control Register
CRb7
External Address Bits
A5-A0
5705 drw07
100000
The Control Register is only accessed when A5=0.
All other address bits have no effect when A5=0.
When A5 =1, only 32 bytes are randomly accessable
via A0-A4 at any one instant. Which 32 bytes are
accessed is determined by the state of CRb0 -CRb4.
The 32 bytes correlate to 32 channel of one ST-BUS
stream.
CRb6CRb5CRb4CRb3CRb2CRb1CRb0
CRb4CRb3
CRb2CRb1CRb0
TABLE 1 — INPUT STREAM TO OUTPUT
STREAM COMBINATIONS THAT CAN
PROVIDE THE MINIMUM 2-CHANNEL
DELAY
Figure 3. Address Mapping
NOTES:
1. Writing to the Control Register is the only fast transaction.
2. Memory and stream are specified by the contents of the Control Register.
A5 A4 A3 A2 A1 A0
HEX ADDRESS
LOCATION
0
XXXXX
00-1F
Control Register(1)
100000
20
Channel 0(2)
100001
21
Channel 1(2)
••••••
••••••
••••••
111111
3F
Channel 31(2)
outputs are tied together to form matrices. The ODE pin should be held low on
power up to keep all outputs in the high impedance condition until the contents
of the CMH are programmed.
Duringthemicroprocessorinitializationroutine,themicroprocessorshould
programthedesiredactivepathsthroughthematrices,andputallotherchannels
into the high impedance state. Care should be taken that no two connected TX
outputsdrivethebussimultaneously. WiththeCMHsetup,themicroprocessor
controlling the matrices can bring the ODE signal high to relinquish high
impedance state control to the Connection Memory High bits outputs.
RESET
The reset pin is designed to be used with board reset circuitry. During reset
the TX serial streams will be put into high-impedance and the state of internal
registers and counters will be reset. As the connection memory can be in any
state after a power up, the ODE pin should be used to hold the TX streams in
high-impedance until the per-channel output enable control in the connection
memoryhighisappropriatelyprogrammed.ThemaindifferencebetweenODE
and reset is, reset alters the state of the registers and counters where as ODE
controls only the high-impedance state of the TX streams.
RESETinputisonly
provided on the SSOP package.
Input
Output Stream
0
1,2,3,4,5,6,7
1
3,4,5,6,7
2
5,6,7
37
4
1,2,3,4,5,6,7
5
3,4,5,6,7
6
5,6,7
77


Similar Part No. - IDT72V8980PV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V8980PVG RENESAS-IDT72V8980PVG Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
More results

Similar Description - IDT72V8980PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
logo
Integrated Device Techn...
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V8985 RENESAS-IDT72V8985 Datasheet
322Kb / 15P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
logo
Integrated Device Techn...
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com