Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V835L20PF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V835L20PF
Description  3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V835L20PF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V835L20PF Datasheet HTML 1Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 2Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 3Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 4Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 5Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 6Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 7Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 8Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2001 Integrated Device Technology, Inc.
DSC-4295/1
©
APRIL 2001
3.3 VOLT CMOS DUAL SyncFIFO™
DUAL 256 x 18, DUAL 512 x 18,
DUAL 1,024 x 18, DUAL 2,048 x 18
and DUAL 4,096 x 18
IDT72V805
IDT72V815
IDT72V825
IDT72V835
IDT72V845
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark and the SyncFIFO is a trademark of Integrated Device Technology, Inc.
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
OUTPUT
REGISTER
OFFSET
REGISTER
FLAG
LOGIC
FFA/IRA
PAFA
EFA/
ORA
PAEA
HFA/(WXOA)
READ
POINTER
READ
CONTROL
LOGIC
WRITE
CONTROL
LOGIC
WRITE
POINTER
EXPANSION
LOGIC
RESET
LOGIC
WENA
DA0-DA17
LDA
RSA
(
HFA)/WXOA
WXIA
RENA
RCLKA
OEA QA0-QA17
RXOA
RXIA
FLA
WCLKA
INPUT
REGISTER
OUTPUT
REGISTER
RAM
ARRAY
256 x 18
512 x 18
1,024 x 18
2,048 x 18
4,096 x 18
OFFSET
REGISTER
FLAG
LOGIC
FFB/IRB
PAFB
EFB/ORB
PAEB
HFB/(WXOB)
READ
POINTER
READ
CONTROL
LOGIC
WRITE
CONTROL
LOGIC
WRITE
POINTER
EXPANSION
LOGIC
RESET
LOGIC
WENB
DB0-DB17
LDB
RSB
(
HFB)/WXOB
WXIB
RENB
RCLKB
OEB
QB0-QB17
RXOB
RXIB
FLB
WCLKB
4295 drw 01
RAM
ARRAY
256 x 18
512 x 18
1,024 x 18
2,048 x 18
4,096 x 18
FEATURES:
••••• The IDT72V805 is equivalent to two IDT72V205 256 x 18 FIFOs
••••• The IDT72V815 is equivalent to two IDT72V215 512 x 18 FIFOs
••••• The IDT72V825 is equivalent to two IDT72V225 1,024 x 18 FIFOs
••••• The IDT72V835 is equivalent to two IDT72V235 2,048 x 18 FIFOs
••••• The IDT72V845 is equivalent to two IDT72V245 4,096 x 18 FIFOs
••••• Offers optimal combination of large capacity (8K), high speed,
design flexibility, and small footprint
••••• Ideal for the following applications:
– Network switching
– Two level prioritization of parallel data
– Bidirectional data transfer
– Bus-matching between 18-bit and 36-bit data paths
– Width expansion to 36-bit per package
– Depth expansion to 8,192 words per package
••••• 10 ns read/write cycle time
••••• 5V input tolerant
••••• IDT Standard or First Word Fall Through timing
••••• Single or double register-buffered Empty and Full Flags
••••• Easily expandable in depth and width
••••• Asynchronous or coincident Read and Write Clocks
••••• Asynchronous or synchronous programmable Almost-Empty
and Almost-Full flags with default settings
••••• Half-Full flag capability
••••• Output enable puts output data bus in high-impedance state
••••• High-performance submicron CMOS technology
••••• Available in a 128-pin thin quad flatpack (TQFP)
••••• Industrial temperature range (–40°C to +85°C) is available
DESCRIPTION:
The IDT72V805/72V815/72V825/72V835/72V845 are dual 18-bit-wide
synchronous (clocked) First-in, First-out (FIFO) memories designed to run
off a 3.3V supply for exceptionally low power consumption. One dual
IDT72V805/72V815/72V825/72V835/72V845 device is functionally equiva-
lent to two IDT72V205/72V215/72V225/72V235/72V245 FIFOs in a single
package with all associated control, data, and flag lines assigned to
independent pins. These devices are very high-speed, low-power First-In,
First-Out (FIFO) memories with clocked read and write controls. These


Similar Part No. - IDT72V835L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V835 IDT-IDT72V835 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72V835 RENESAS-IDT72V835 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results

Similar Description - IDT72V835L20PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com