Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1666 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # KTA1666
Description  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

KTA1666 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  KTA1666 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. KTA1666 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
• High speed switching time.
• Low saturation voltage:VCE(sat)=-0.5V(Max)
• PC=1~2W(Mounted on ceramic substrate)
• Small flat package.
• Complementary: KTC4379.
• Power amplifier application.
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-2
A
Collector Power dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=-1mA,IE=0
-50
V
Collector-emitter breakdown voltage
VCEO
IC=-10mA,IB=0
-50
V
Emitter-base breakdown voltage
VEBO
IE=-1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-2V,IC=-500mA
VCE=-2V,IC=-1.5A
70
40
240
Collector-emitter saturation voltage
VCE(sat)
IC=-1A, IB= -50mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-1A, IB= -50mA
-1.2
V
Transition frequency
fT
VCE=-2V, IC= -0.5A
120
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
40
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
70-140
120-240
Marking
WO
WY
KTA1666 (PNP)
1. BASE
2. COLLECTO
SOT-89
3. EMITTER


Similar Part No. - KTA1666

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1666 KEC-KTA1666 Datasheet
407Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
logo
Weitron Technology
KTA1666 WEITRON-KTA1666 Datasheet
332Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
KTA1666 HTSEMI-KTA1666 Datasheet
370Kb / 1P
   TRANSISTOR (PNP)
logo
SHENZHEN YONGERJIA INDU...
KTA1666 WINNERJOIN-KTA1666 Datasheet
128Kb / 1P
   TRANSISTOR (PNP)
logo
Galaxy Semi-Conductor H...
KTA1666 BILIN-KTA1666 Datasheet
205Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - KTA1666

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com