Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1150CM Datasheet(PDF) 5 Page - International Rectifier

Part # IRU1150CM
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1150CM Datasheet(HTML) 5 Page - International Rectifier

  IRU1150CM Datasheet HTML 1Page - International Rectifier IRU1150CM Datasheet HTML 2Page - International Rectifier IRU1150CM Datasheet HTML 3Page - International Rectifier IRU1150CM Datasheet HTML 4Page - International Rectifier IRU1150CM Datasheet HTML 5Page - International Rectifier IRU1150CM Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IRU1150
5
Rev. 1.6
03/18/02
www.irf.com
The IRU1150 keeps a constant 1.25V between the VSENSE
pin and the VADJ pin. By placing a resistor R1 across
these two pins and connecting the VSENSE and VOUT pin
together, a constant current flows through R1, adding to
the Iadj current and into the R2 resistor producing a volt-
age equal to the (1.25/R1)
3R2 + IADJ3R2. This voltage
is then added to the 1.25V to set the output voltage.
This is summarized in the above equation. Since the
minimum load current requirement of the IRU1150 is
10mA, R1 is typically selected to be a 121
V resistor so
that it automatically satisfies this condition. Notice that
since the IADJ is typically in the range of 50
mA it only
adds a small error to the output voltage and should be
considered when very precise output voltage setting is
required.
Load Regulation
Since the IRU1150 has separate pins for the output (VOUT)
and the sense (VSENSE), it is ideal for providing true re-
mote sensing of the output voltage at the load. This
means that the voltage drops due to parasitic resistance
such as PCB traces between the regulator and the load
are compensated for using remote sensing. Figure 4
shows a typical application of the IRU1150 with remote
sensing.
Figure 4 - Schematic showing connection
for best load regulation.
Stability
The IRU1150 requires the use of an output capacitor as
part of the frequency compensation in order to make the
regulator stable. Typical designs for the microprocessor
applications use standard electrolytic capacitors with
typical ESR in the range of 50 to 100m
V and an output
capacitance of 500 to 1000
mF. Fortunately as the ca-
pacitance increases, the ESR decreases resulting in a
fixed RC time constant. The IRU1150 takes advantage
of this phenomena in making the overall regulator loop
stable.
For most applications a minimum of 100
mF aluminum
electrolytic capacitor such as Sanyo, MVGX series,
Panasonic FA series as well as the Nichicon PL series
insures both stability and good transient response.
Thermal Design
The IRU1150 incorporates an internal thermal shutdown
that protects the device when the junction temperature
exceeds the allowable maximum junction temperature.
Although this device can operate with junction tempera-
tures in the range of 150
8C, it is recommended that the
selected heat sink be chosen such that during maxi-
mum continuous load operation the junction tempera-
ture is kept below
this number. The example below
shows the steps in selecting the proper surface mount
package.
Assuming, the following conditions:
Calculate the maximum power dissipation using the fol-
lowing equation:
Using table below select the proper package and the
amount of copper board needed.
Pkg
Copper
θJA(°C/W)
Max Pd
Max Pd
Area
(TA=25
°C)
(TA=45
°C)
TO-263 1.4"X1.4"
25
4.4W
3.6W
TO-263 1.0"X1.0"
30
3.7W
3.0W
TO-263 0.7"X0.7"
35
3.1W
2.6W
TO-263 Pad Size
45
2.4W
2.0W
SO-8
1.0"X1.0"
55
2.0W
1.63W
Note: Above table is based on the maximum junction
temperature of 135
8C.
As shown in the above table, any of the two packages
will do the job. For low cost applications the SO-8 pack-
age is recommended.
VOUT = 2.7V
VIN = 3.3V
VCTRL = 5V
IOUT = 2A (DC Avg)
PD = 2
3 (3.3 - 2.7) +
oo pp3(5-2.7)=1.28W
2
60
PD = IOUT
3 (VIN - VOUT) +
oo pp3(V
CTRL
- VOUT)
IOUT
60
R1
R2
VIN
VCTRL
R L
IRU1150
VSENSE
Adj
VOUT
VCTRL
Vin


Similar Part No. - IRU1150CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1150CM

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1150 UNISEM-US1150 Datasheet
34Kb / 5P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com