Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7808 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM7808
Description  1.5A Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM7808 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM7808 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM7808 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
1.5A Positive Voltage Regulator
LM78XX
Packaging Information
Ordering Information
Device
Operating
Voltage
Temp.
LM7805
7 to 20
0 to 125
°C
LM7806
8 to 20
0 to 125
°C
LM7808
10.5 to 23
0 to 125
°C
LM7809
11.5 to 24
0 to 125
°C
LM7810
12.5 to 25
0 to 125
°C
LM7812
14.5 to 27
0 to 125
°C
LM7815
17.5 to 30
0 to 125
°C
LM7818
20.5 to 33
0 to 125
°C
LM7824
26.5 to 39
0 to 125
°C
Description
The Bay Linear LM78XX is integrated linear positive
regulator with three terminals. The LM78XX offer several
fixed output voltages making them useful in wide range of
applications. When used as a zener diode/resistor combination
replacement, the LM78XX usually results in an effective
output impedance improvement of two orders of magnitude,
lower quiescent current.
The LM78XX is available in the TO-252, TO-220 & TO-263
packages,
Features
Output Current of 1.5A
Output Voltage Tolerance of 5%
Internal thermal overload protection
Internal Short-Circuit Limited
No External Component
Output Voltage 5.0V, 6V, 8V, 9V, 10V,
12V, 15V, 18V, 24V
Offer in plastic TO-252, TO-220 & TO-263
Direct Replacement for LM78XX
Applications
Post regulator for switching DC/DC
converter
Bias supply for analog circuits
Bay Linear
Inspire the Linear Power
TO-220 (T)
TO-263 (S)
TO-252 (D)
Top View
TO-263-3 (
1
Bay Linear
2
3
Top View
TO-263-3 (S)
1
Bay Linear
2
3
Top View
TO-263-3 (
1
Bay Linear
2
3
Top View
TO-263-3 (S)
1
Bay Linear
2
3
1. Input
2. GND
3. Output


Similar Part No. - LM7808

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LM7808 SEME-LAB-LM7808 Datasheet
20Kb / 2P
   8 VOLT POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7808 FAIRCHILD-LM7808 Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7808 FAIRCHILD-LM7808 Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7808 FCI-LM7808 Datasheet
621Kb / 8P
   LM7800 Series 3-Terminal fixed Voltage Regulators
logo
Tiger Electronic Co.,Lt...
LM7808 TGS-LM7808 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7808

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086 TOREX-XB1086 Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800_09 Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
G5J2188 GTM-G5J2188 Datasheet
543Kb / 7P
   1.5A CMOS Positive Voltage Regulator
logo
Unisonic Technologies
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78D05AA UTC-78D05AA Datasheet
352Kb / 8P
   3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com