Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP720BMT140TBG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP720BMT140TBG
Description  Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP720BMT140TBG Datasheet(HTML) 6 Page - ON Semiconductor

  NCP720BMT140TBG Datasheet HTML 1Page - ON Semiconductor NCP720BMT140TBG Datasheet HTML 2Page - ON Semiconductor NCP720BMT140TBG Datasheet HTML 3Page - ON Semiconductor NCP720BMT140TBG Datasheet HTML 4Page - ON Semiconductor NCP720BMT140TBG Datasheet HTML 5Page - ON Semiconductor NCP720BMT140TBG Datasheet HTML 6Page - ON Semiconductor NCP720BMT140TBG Datasheet HTML 7Page - ON Semiconductor NCP720BMT140TBG Datasheet HTML 8Page - ON Semiconductor NCP720BMT140TBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NCP720
www.onsemi.com
6
TYPICAL CHARACTERISTICS
VOUT(NOMINAL) = 1.5 V, VBIAS = (VOUT + 1.4 V) or 2.5 V, whichever is greater, VIN = VOUT + 0.5 V, IOUT = 1 mA,
VEN = 1.1 V, COUT = 2.2 mF, TJ = 25°C unless otherwise noted.
Figure 10. Shutdown Current vs. VBIAS Input
Voltage
Figure 11. Current Limit vs. VBIAS Input
Voltage
Figure 12. Current Limit vs. VIN Input Voltage
Figure 13. VIN Power Supply Ripple Rejection
vs. Frequency
Figure 14. VBIAS Power Supply Ripple
Rejection vs. Frequency
Figure 15. Load Transient Response
IOUT
100mA/div
VOUT
50mV/div
tRISE = 1 ms
300 mA
0 mA


Similar Part No. - NCP720BMT140TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP720BMT140TBG ONSEMI-NCP720BMT140TBG Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720BMT140TBG ONSEMI-NCP720BMT140TBG Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
More results

Similar Description - NCP720BMT140TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
NCP720 ONSEMI-NCP720_17 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
May, 2017 ??Rev. 2
NCP134 ONSEMI-NCP134_16 Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
NCP145 ONSEMI-NCP145 Datasheet
279Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2018 ??Rev. 1
NCP130 ONSEMI-NCP130 Datasheet
146Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 3
NCP130 ONSEMI-NCP130_15 Datasheet
153Kb / 9P
   300mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com