Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1602AEASNT1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1602AEASNT1G
Description  Enhanced, High-Efficiency Power Factor Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1602AEASNT1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1602AEASNT1G Datasheet HTML 5Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 6Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 7Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 8Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 9Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 10Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 11Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 12Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
NCP1602
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 3. Start−Up Threshold, VCC Increasing
(VCC,on) vs. Junction Temperature
(versions [**C]&[**D])
Figure 4. Start−Up Threshold, VCC Increasing
(VCC,on) vs. Junction Temperature
(versions [**A]&[**B])
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
80
60
40
20
0
−40
−60
9.75
9.95
10.15
10.35
10.55
10.75
10.95
11.15
15.8
16.3
16.8
17.3
17.8
Figure 5. Minimum Operating Voltage, VCC
Falling (VCC,off) vs. Junction Temperature
Figure 6. Hysteresis (VCC,on – VCC,off) vs.
Junction Temperature (versions [**C]&[**D])
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
8.5
8.6
8.8
8.9
9.0
9.2
9.3
9.5
0.75
1.25
1.75
2.25
2.75
Figure 7. Hysteresis (VCC,on – VCC,off) vs.
Junction Temperature (versions [**A]&[**B])
TJ, JUNCTION TEMPERATURE (°C)
6
7
8
9
10
11
12
−20
100
140
120
80
60
40
20
0
−40
−60
−20
100
140
120
80
60
40
20
0
−40
−60
−20
100
140
120
80
60
40
20
0
−40
−60
−20
100
140
120
80
60
40
20
0
−40
−60
−20
100
140
8.7
9.1
9.4
Figure 8. Dead−Time, Vctrl = 0.65 V w/
E Config (tDT,E,1) vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
9.96
10.96
11.96
12.96
13.96
14.96
15.96
120
80
60
40
20
0
−40
−60
−20
100
140


Similar Part No. - NCP1602AEASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602AEASNT1G ONSEMI-NCP1602AEASNT1G Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
More results

Similar Description - NCP1602AEASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com