Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1602AEASNT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1602AEASNT1G
Description  Enhanced, High-Efficiency Power Factor Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1602AEASNT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1602AEASNT1G Datasheet HTML 1Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 2Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 3Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 4Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 5Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 6Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 7Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 8Page - ON Semiconductor NCP1602AEASNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 2
1
Publication Order Number:
NCP1602/D
NCP1602
Enhanced, High-Efficiency
Power Factor Controller
The 6−pin PFC controller NCP1602 is designed to drive PFC boost
stages. It is based on an innovative Valley Synchronized Frequency
Fold−back (VSFF) method. In this mode, the circuit classically
operates in Critical conduction Mode (CrM) when Vcontrol voltage
exceeds a programmable value Vctrl,FF. When Vcontrol is below this
preset level Vctrl,FF, the NCP1602 (versions [B**] and [D**]) linearly
decays the frequency down to about 30 kHz until Vcontrol reaches the
SKIP mode threshold. VSFF maximizes the efficiency at both
nominal and light load. In particular, the stand−by losses are reduced
to a minimum. Like in FCCrM controllers, internal circuitry allows
near−unity power factor even when the switching frequency is
reduced. Housed in a TSOP6 package, the circuit also incorporates the
features necessary for robust and compact PFC stages, with few
external components.
General Features
Near−Unity Power Factor
Two−Level Boost Follower Line Level Dependent (disabled by default)
Critical Conduction Mode (CrM)
Valley Synchronized Frequency Fold−back (VSFF): Low Frequency
Operation is Forced at Low Current Levels
Works With or Without a Transformer w/ ZCD Winding (simple inductor)
On−time Modulation to Maintain a Proper Current Shaping in VSFF Mode
Skip Mode at Very Low Load Current (versions[ B**] and [D**])
Fast Line / Load Transient Compensation (Dynamic Response Enhancer)
Valley Turn−on
High Drive Capability: −500 mA / +800 mA
VCC Range: from 9.5 V to 30 V
Low Start−up Consumption for:
[**C] & [**D] Versions: Low Vcc Start−up level (10.5 V)
[**A] & [**B] Versions: High Vcc Start−up level (17.0 V)
Line Range Detection for Reduced Crossover Frequency Spread
This is a Pb−Free Device
Safety Features
Thermal Shutdown
Non−latching, Over−Voltage Protection
Second Over−Voltage Protection
Brown−Out Detection
Soft−Start for Smooth Start−up Operation ([**C] &
[**D] Versions)
Over Current Limitation
Disable Protection if the Feedback Pin is Not Connected
Low Duty−Cycle Operation if the Bypass Diode is
Shorted
Open Ground Pin Fault Monitoring
Typical Applications
PC Power Supplies
Lighting Ballasts (LED, Fluorescent)
Flat TV
All Off Line Appliances Requiring Power Factor
Correction
PIN CONNECTIONS
1
3
DRV
VCTRL
2
CS / ZCD
4
FB
6
(Top View)
5
VCC
TSOP−6
SN SUFFIX
CASE 318G
MARKING DIAGRAM
GND
www.onsemi.com
(Note: Microdot may be in either location)
1
AEA AYW
G
G
1
AEA
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1602AEASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602AEASNT1G ONSEMI-NCP1602AEASNT1G Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
More results

Similar Description - NCP1602AEASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com