Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1654 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1654
Description  Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1654_16 Datasheet HTML 1Page - ON Semiconductor NCP1654_16 Datasheet HTML 2Page - ON Semiconductor NCP1654_16 Datasheet HTML 3Page - ON Semiconductor NCP1654_16 Datasheet HTML 4Page - ON Semiconductor NCP1654_16 Datasheet HTML 5Page - ON Semiconductor NCP1654_16 Datasheet HTML 6Page - ON Semiconductor NCP1654_16 Datasheet HTML 7Page - ON Semiconductor NCP1654_16 Datasheet HTML 8Page - ON Semiconductor NCP1654_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NCP1654
www.onsemi.com
2
MAXIMUM RATINGS TABLE
Symbol
Pin
Rating
Value
Unit
DRV
8
Output Drive Capability − Source
Output Drive Capability − Sink
−1.5
+1.5
A
VCC
7
Power Supply Voltage, VCC pin, continuous voltage
−0.3, +20
V
7
Transient Power Supply Voltage, duration < 10 ms, IVCC < 10 mA
+25
V
Vin
2, 3, 4, 5, 6
Input Voltage
−0.3, +10
V
PD(SO)
RqJA(SO)
Power Dissipation and Thermal Characteristics
D suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
450
178
MW
°C/W
TJ
Operating Junction Temperature Range
−40 to +125
°C
TJmax
Maximum Junction Temperature
150
°C
TSmax
Storage Temperature Range
−65 to +150
°C
TLmax
Lead Temperature (Soldering, 10 s)
300
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM) 2000 V per JEDEC standard JESD22, Method A114E
Machine Model (MM) 200 V (except pin#7 which complies 150 V) per JEDEC standard JESD22, Method A115A.
2. This device contains Latch−up Protection and exceeds
±100 mA per JEDEC Standard JESD78.


Similar Part No. - NCP1654_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
More results

Similar Description - NCP1654_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_09 Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
logo
Renesas Technology Corp
R2A20104114 RENESAS-R2A20104114_15 Datasheet
240Kb / 12P
   Continuous Conduction Mode Interleaving
R2A20115 RENESAS-R2A20115 Datasheet
143Kb / 1P
   Continuous Conduction Mode PFC IC
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20131SP RENESAS-R2A20131SP_15 Datasheet
102Kb / 9P
   Continuous Conduction Mode PFC Control IC
R2A20131SP RENESAS-R2A20131SP_16 Datasheet
265Kb / 9P
   Continuous Conduction Mode PFC Control IC
logo
Texas Instruments
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com