Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1729 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1729
Description  Switched Capacitor Voltage Inverter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1729 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1729_16 Datasheet HTML 2Page - ON Semiconductor NCP1729_16 Datasheet HTML 3Page - ON Semiconductor NCP1729_16 Datasheet HTML 4Page - ON Semiconductor NCP1729_16 Datasheet HTML 5Page - ON Semiconductor NCP1729_16 Datasheet HTML 6Page - ON Semiconductor NCP1729_16 Datasheet HTML 7Page - ON Semiconductor NCP1729_16 Datasheet HTML 8Page - ON Semiconductor NCP1729_16 Datasheet HTML 9Page - ON Semiconductor NCP1729_16 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NCP1729
www.onsemi.com
6
Capacitor Selection
In order to maintain the lowest output resistance and
output ripple voltage, it is recommended that low ESR
capacitors be used. Additionally, larger values of C1 will
lower the output resistance and larger values of C2 will
reduce output voltage ripple. (See Equation 3).
Table 1 shows various values of C1, C2 and C3 with the
corresponding output resistance values at 25
°C. Table 2
shows the output voltage ripple for various values of C1, C2
and C3. The data in Tables 1 and 2 was measured not
calculated.
Table 1. Output Resistance vs. Capacitance
(C1 = C2 = C3), Vin = 4.75 V and Vout = −4.0 V
C1 = C2 = C3 (mF)
Rout (W)
0.68
55.4
1.3
36.9
3.3
26.0
7.3
25.8
10
25.5
24
25.0
50
24.0
Table 2. Output Voltage Ripple vs. Capacitance
(C1 = C2 = C3), Vin = 4.75 V and Vout = −4.0 V
C1 = C2 = C3
(
mF)
Output Voltage Ripple
(mV)
0.68
322
1.3
205
3.3
120
7.3
69
10
56
24
32
50
20
Input Supply Bypassing
The input voltage, Vin should be capacitively bypassed to
reduce AC impedance and minimize noise effects due to the
switching internals in the device. If the device is loaded from
Vout to GND, it is recommended that a large value capacitor
(at least equal to C1) be connected from Vin to GND. If the
device is loaded from Vin to Vout, a small (0.7
mF) capacitor
between the pins is sufficient.
Voltage Inverter
The most common application for a charge pump is the
voltage inverter (Figure 14). This application uses two or
three external capacitors. The C1 (pump capacitor) and C2
(output capacitor) are required. The input bypass capacitor
C3, may be necessary depending on the application. The
output is equal to −Vin plus any voltage drops due to loading.
Refer to Tables 1 and 2 for capacitor selection. The test setup
used for the majority of the characterization is shown in
Figure 14.
Layout Considerations
As with any switching power supply circuit, good layout
practice is recommended. Mount components as close
together as possible to minimize stray inductance and
capacitance. Also use a large ground plane to minimize
noise leakage into other circuitry.
Capacitor Resources
Selecting the proper type of capacitor can reduce
switching loss. Low ESR capacitors are recommended. The
NCP1729 was characterized using the capacitors listed in
Table 3. This list identifies low ESR capacitors for the
voltage inverter application.
Table 3. Capacitor Types
Manufacturer/Contact
Part Types/Series
AVX
843−448−9411
www.avxcorp.com
TPS
Cornell Dubilier
508−996−8561
www.cornell−dubilier.com
ESRD
Sanyo/Os−con
619−661−6835
www.sanyovideo.com/oscon.htm
SN
SVP
Vishay
603−224−1961
www.vishay.com
593D
594


Similar Part No. - NCP1729_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1729SN35T1 ONSEMI-NCP1729SN35T1 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729SN35T1 ONSEMI-NCP1729SN35T1 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
NCP1729SN35T1G ONSEMI-NCP1729SN35T1G Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
More results

Similar Description - NCP1729_16

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com