Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1855FCCT1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1855FCCT1G
Description  Path Management and USB On-The-Go Support
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1855FCCT1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1855FCCT1G Datasheet HTML 3Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 4Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 5Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 6Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 7Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 8Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 9Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 10Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
NCP1855
www.onsemi.com
7
Table 4. ELECTRICAL CHARACTERISTICS
Min & Max Limits apply for TA between −40°C to +85°C and TJ up to +125°C for VIN between 3.9 V to 7 V (Unless otherwise noted).
Typical values are referenced to TA = + 25°C and VIN = 5 V (Unless otherwise noted).
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
JUNCTION THERMAL MANAGEMENT
TSD
Thermal shutdown
Rising
125
140
150
°C
Falling
115
°C
TH2
Hot temp threshold 2
Relative to TSD
−7
°C
TH1
Hot temp threshold 1
Relative to TSD
−11
°C
TWARN
Thermal warning
Relative to TSD
−15
°C
BUCK CONVERTER
FSWCHG
Switching Frequency
1.5
MHz
Switching Frequency Accuracy
−10
+10
%
TDTYC
Max Duty Cycle
Average
99.5
%
IPKMAX
Maximum peak inductor current
3
A
RONLS
Low side Buck MOSFET
RDSON (Q3)
Measured between PGND and SW, VIN = 5 V
70
110
m
W
RONHS
High side Buck MOSFET
RDSON (Q2)
Measured between CAP and SW, VIN = 5 V
55
85
m
W
PROTECTED TRANSCEIVER SUPPLY
VTRANS
Voltage on TRANS pin
VIN ≥ 5 V
5
5.5
V
ITRMAX
TRANS current capability
50
mA
ITROCP
Short circuit protection
150
mA
TIMING
TWD
Watchdog timer
32
s
TUSB
USB timer
2048
s
TCHG1
Charge timer
Safe−charge or pre−charge or weak−safe or
weak−charge state.
3
h
TCHG2
CC state
1
h
CV state
TIMER_SEL = 0 (default)
2
h
TIMER_SEL = 1
1
h
TWU
Wake−up timer
64
s
TST
Charger state timer,
Minimum transition time from
states to states
From Weak−Charge to Full−Charge State
32
s
From wait−state to safe−charge and from
weak−wait to weak−safe
127
ms
All others state
16
ms
TVRCHR
Deglitch time for end of charge
voltage detection
VBAT rising
15
ms
VBAT falling
127
ms
TINDET
Deglitch time for input voltage
detection
VIN rising
15
ms
TDGS1
Deglitch time for signal
crossing IEOC, VPRE, VSAFE,
VCHGDET thresholds
Rising and falling edge
15
ms
TDGS2
Deglitch time for signal
crossing VFET, VBUSUV,
VBUSOV thresholds
Rising and falling edge
1
ms


Similar Part No. - NCP1855FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1855FCCT1G ONSEMI-NCP1855FCCT1G Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
More results

Similar Description - NCP1855FCCT1G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
logo
Maxim Integrated Produc...
MAX3301E MAXIM-MAX3301E Datasheet
868Kb / 35P
   USB On-the-Go Transceiver and Charge Pump
Rev 2; 1/06
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883 Datasheet
343Kb / 2P
   Integrated Charger, USB On-the-Go Transceiver and Carkit Interface
MK20DN32VYY5 FREESCALE-MK20DN32VYY5 Datasheet
429Kb / 2P
   Low-power MCUs with USB On-The-Go
logo
Texas Instruments
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com